công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SER7 bảng dữ liệu(PDF) 1 Page - ABCircuits

tên linh kiện SER7
Giải thích chi tiết về linh kiện  Serial to Seven Segment Controller Expandable to 32 digits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ABCIRCUITS [ABCircuits]
Trang chủ  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SER7 bảng dữ liệu(HTML) 1 Page - ABCircuits

  SER7 Datasheet HTML 1Page - ABCircuits SER7 Datasheet HTML 2Page - ABCircuits SER7 Datasheet HTML 3Page - ABCircuits SER7 Datasheet HTML 4Page - ABCircuits SER7 Datasheet HTML 5Page - ABCircuits SER7 Datasheet HTML 6Page - ABCircuits SER7 Datasheet HTML 7Page - ABCircuits SER7 Datasheet HTML 8Page - ABCircuits SER7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SER7
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 11
SER7 IC
Serial to Seven Segment Controller
Expandable to 32 digits
General Description
The SER7 IC is a bridge between serial interfaces and one or two non multiplexed seven
segment displays. Data is received in a 32 byte buffer, and translated from ASCII to seven
segment codes when a carriage return (Hex 0D) is received. More than one SER7 chip may be
connected together to achieve up to 32 digits of display. The SER7 has internal pull resistors on
most inputs to minimize additional parts.
The SER7 may connect to RS-232, USB, RS-485, Ethernet or directly to your UART. The serial
format to the SER7 is standard ASCII asynchronous format, using 8 bits, 1 stop and no parity at
9600 BPS. Other formats and encoding are available, contact the factory. A .1 uF bypass
capacitor is suggested across the VDD and VSS pins. The part uses the standard 28 pin .3 inch
width SOIC and DIP package.
Features
• Drives one or two seven segment
displays from serial data.
• Converts from ASCII to seven
segment codes.
• Few external parts required.
• Low power consumption 3 mA
typical.
• Supply voltage 2.4 to 5.25 volts.
• All timing internally generated.
• On chip input resistors.
• Output polarity select.
• Right or left hand decimal point
displays.
• Right or left display justification.
• TTL and CMOS compatible.
• Part is in full production.
• SOIC and DIP 28 Pin Package.
• ROHS Compliant.
• Low EMI.
Applications
• Data Displays
• Vending Machines
• Large display control
• Numeric Displays
• Controls
• Ethernet displays
• Price signs


Số phần tương tự - SER7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
SER7.62EE ITT-SER7.62EE Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
SER7.62EEBRN ITT-SER7.62EEBRN Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
SER7.62OA ITT-SER7.62OA Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
SER7.62OABRN ITT-SER7.62OABRN Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
SER7.62RDEE ITT-SER7.62RDEE Datasheet
235Kb / 3P
DIGITAST Microminiature SPDT, Key Switches
More results

Mô tả tương tự - SER7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SN54LS247 MOTOROLA-SN54LS247 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Fairchild Semiconductor
MM74C911 FAIRCHILD-MM74C911 Datasheet
91Kb / 8P
4-Digit Expandable Segment Display Controller
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
BCD to Seven Segment Decoder/Driver
August 1997
logo
Texas Instruments
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Motorola, Inc
MC14558B MOTOROLA-MC14558B Datasheet
220Kb / 7P
BCD-TO-SEVEN SEGMENT DECODER
logo
Texas Instruments
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
ABCircuits
CNT7 ABCIRCUITS-CNT7 Datasheet
191Kb / 7P
Dual Decade Counter to Seven Segment Controller
HEX7 ABCIRCUITS-HEX7 Datasheet
182Kb / 6P
BCD or Hexadecimal to Seven Segment Controller
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com