công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IDT74FCT273CSOB bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện IDT74FCT273CSOB
Giải thích chi tiết về linh kiện  FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT273CSOB bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  IDT74FCT273CSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT273CSOB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7.10
4
IDT54/74FCT273/A/C FAST CMOS
OCTAL D FLIP-FLOP WITH MASTER RESET
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power Supply Current
Vcc = Max.
—
0.2
1.5
mA
VIN
≥ VHC; VIN ≤ VLC
∆ICC
Quiescent Power Supply Current
Vcc = Max.
—
0.5
2.0
mA
TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
Vcc = Max.
VIN
≥ VHC
—
0.15
0.25
mA/MHz
Outputs Open
VIN
≤ VLC
MR = VCC
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
Vcc = Max.
VIN
≥ VHC
—
1.7
4.0
mA
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
MR = VCC
VIN = 3.4V
—
2.2
6.0
One Bit Toggling
VIN = GND
at fi = 5MHz
50% Duty Cycle
Vcc = Max.
VIN
≥ VHC
—
4.0
7.8
(5)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
MR = VCC
VIN = 3.4V
—
6.2
16.8
(5)
Eight Bits Toggling
VIN = GND
fi = 2.5MHz
50% Duty Cycle
NOTES:
2558 tbl 04
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com