| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HEX7 bảng dữ liệu(PDF) 4 Page - ABCircuits |
|
|
|||||||||||||||||||||||||||||
HEX7 bảng dữ liệu(HTML) 4 Page - ABCircuits |
|
4 / 6 page ![]() Turning Ideas Into Reality ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104 Part Number HEX7 Copyright © 2014 ABCircuits. Revised September 2014 Page 4 of 6 Seven Segment Translation Table Using Drivers For Brighter D isplays A B C D E F G RIGHT DISPLAY G F E D C B A COM VCC ( Parallel Input VCC COMMON ANODE VCC ULN2804 1 2 3 4 5 6 7 8 11 12 13 14 15 16 18 17 IN1 IN2 IN3 IN4 IN5 IN6 IN7 IN8 OUT8 OUT7 OUT6 OUT5 OUT4 OUT3 OUT1 OUT2 VCC HEX7 15 9 16 17 18 19 3 6 7 8 10 11 13 14 22 12 20 23 28 21 4 1 2 5 24 25 26 27 SERRA NC SEGRC SEGRE SEGRG NC R8 SEGLF SEGLD SEGLB POL SEGRF SEGRB VSS SEGLE SEGRD SEGLA SEGLG VDD SEGLC R2 L8 L2 NC R1 R4 L1 L4 A B C D E F G LEFT DISPLAY G F E D C B A COM VCC ULN2804 1 2 3 4 5 6 7 8 11 12 13 14 15 16 18 17 IN1 IN2 IN3 IN4 IN5 IN6 IN7 IN8 OUT8 OUT7 OUT6 OUT5 OUT4 OUT3 OUT1 OUT2 COMMON ANODE Absolute Maximum Ratings Symbol Description Min Typical Max Units Notes Tstg Storage Temperature -55 25 +100 ºC Ta Operating Temperature -40 +85 ºC Vdd Vdd - Vss Voltage -0.5 +6.0 V Vio Input Voltage Vss - 0.5 Vdd +0.5 V Imio Maximum current into any pin -25 +50 mA ESD Electrostatic Discharge Voltage 2000 V Human Body Model ESD LU Latch up current 200 mA |