công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SGM708 bảng dữ liệu(PDF) 1 Page - SG Micro Corp

tên linh kiện SGM708
Giải thích chi tiết về linh kiện  Low-Cost, Microprocessor Supervisory Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SGMICRO [SG Micro Corp]
Trang chủ  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM708 bảng dữ liệu(HTML) 1 Page - SG Micro Corp

  SGM708 Datasheet HTML 1Page - SG Micro Corp SGM708 Datasheet HTML 2Page - SG Micro Corp SGM708 Datasheet HTML 3Page - SG Micro Corp SGM708 Datasheet HTML 4Page - SG Micro Corp SGM708 Datasheet HTML 5Page - SG Micro Corp SGM708 Datasheet HTML 6Page - SG Micro Corp SGM708 Datasheet HTML 7Page - SG Micro Corp SGM708 Datasheet HTML 8Page - SG Micro Corp SGM708 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SGM708
Low-Cost, Microprocessor
Supervisory Circuit
GENERAL DESCRIPTION
The SGM708 microprocessor supervisory circuit reduces
the complexity and number of components required to
monitor power-supply and monitor microprocessor
activity. It significantly improves system reliability and
accuracy compared to separate ICs or discrete
components.
The SGM708 provides power-supply monitoring circuitry
that generates a reset output during power-up,
power-down and brownout conditions. The reset output
remains operational with VCC as low as 1V.
In addition, there is a 1.25V threshold detector for
power-fail warning, low-battery detection, or monitoring
an additional power supply. An active-low manual-reset
input (MR) is also included.
The SGM708 is available in Green SOIC-8 package. It
operates over an ambient temperature range of -40
℃ to
+85
℃.
FEATURES
Precision Supply-Voltage Monitor
4.65V for SGM708-L
4.40V for SGM708-M
4.0V for SGM708-J
3.08V for SGM708-T
2.93V for SGM708-S
2.63V for SGM708-R
Guaranteed RESET Valid at VCC = 1V
200ms Reset Pulse Width
Debounced TTL/CMOS-Compatible
Manual-Reset Input
Voltage Monitor for Power-Fail or Low-Battery Warning
Dual Reset Outputs (Active-Low and Active-High )
-40
℃ to +85℃ Operating Temperature Range
Green SOIC-8 Package
APPLICATIONS
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical μP Power Monitoring
REV. A. 3
SG Micro Corp
www.sg-micro.com


Số phần tương tự - SGM708

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SG Micro Corp
SGM708 SGMICRO-SGM708 Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708-JYS8G/TR SGMICRO-SGM708-JYS8G/TR Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708-LYS8G/TR SGMICRO-SGM708-LYS8G/TR Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708-MYS8G/TR SGMICRO-SGM708-MYS8G/TR Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708-RYS8G/TR SGMICRO-SGM708-RYS8G/TR Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
More results

Mô tả tương tự - SGM708

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM705ARZ AD-ADM705ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706AR-REEL AD-ADM706AR-REEL Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706ARZ-REEL7 AD-ADM706ARZ-REEL7 Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
SG Micro Corp
SGM358 SGMICRO-SGM358_15 Datasheet
404Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM706 SGMICRO-SGM706 Datasheet
331Kb / 12P
Low-Cost, Microprocessor Supervisory Circuit
SGM706 SGMICRO-SGM706_18 Datasheet
1,016Kb / 13P
Low-Cost, Microprocessor Supervisory Circuit
SGM708 SGMICRO-SGM708_18 Datasheet
1Mb / 13P
Low-Cost, Microprocessor Supervisory Circuit
logo
Analog Devices
ADM705 AD-ADM705_V01 Datasheet
410Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com