| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESMF05 bảng dữ liệu(PDF) 2 Page - Bruckewell Technology LTD |
|
|
|||||||||||||||||||||||||||||
ESMF05 bảng dữ liệu(HTML) 2 Page - Bruckewell Technology LTD |
|
2 / 4 page ![]() ESMF05 4-Line Transient Voltage Suppressor Array Publication Order Number: [ESMF05] © Bruckewell Technology Corporation Rev. A -2014 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Absolute ratings @25°C Unless Otherwise Specified Symbol Parameter Value Unit PPP Peak Pulse Power (tp = 8/20μs) See Figure 1 100 W TJ Operating Supply Voltage (pin-1,-2 to pin-3) -55 to +125 °C TSTG Storage Temperature Range -55 to +150 °C Electrical Characteristics Part Numbers VBR Ir VRWM IR C Min. Typ. Max. TYP V V V mA V uA PF ESMF05 6.1 6.7 7.2 1 5 1 35 |