công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DB205S bảng dữ liệu(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

tên linh kiện DB205S
Giải thích chi tiết về linh kiện  SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Trang chủ  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

DB205S bảng dữ liệu(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  DB205S Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . DB205S Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
DB201S DB202S DB203S DB204S DB205S DB206S DB207S UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
60
10
500
-65
+150
-65
+150
V
A
A
V
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
DB201S THRU DB207S
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
Dimensions in inches and (millimeters)
DB-1S
.255(6.5)
.135(3.4)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.042(1.1)
.245(6.2)
.115(2.9)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.038(1.0)
+
~
~
.346(8.8)
.323(8.2)
A
A
at Ta=40 C
256


Số phần tương tự - DB205S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
DB205S SECOS-DB205S Datasheet
106Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Rectron Semiconductor
DB205S RECTRON-DB205S Datasheet
378Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
DB205S SECOS-DB205S Datasheet
151Kb / 2P
2.0 Amp Surface Mount Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB205S LUGUANG-DB205S Datasheet
164Kb / 2P
Silicon Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
DB205S KISEMICONDUCTOR-DB205S Datasheet
252Kb / 2P
2 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Mô tả tương tự - DB205S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
2W005 FORMOSA-2W005 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
2W10 DGNJDZ-2W10 Datasheet
220Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
D2SB05A DGNJDZ-D2SB05A Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
KBP201 DGNJDZ-KBP201 Datasheet
408Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB201 YIXIN-DB201 Datasheet
157Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com