| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS94209 bảng dữ liệu(PDF) 15 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS94209 bảng dữ liệu(HTML) 15 Page - Integrated Circuit Systems |
|
15 / 19 page ![]() 15 ICS94209 Third party brands and names are the property of their respective owners. CPU_STOP# Timing Diagram CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS94209. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks. Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS94209. 3. All other clocks continue to run undisturbed. (including SDRAM outputs). |