| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9250-18 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-18 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 15 page ![]() 5 ICS9250-18 Third party brands and names are the property of their respective owners. Byte0: Functionality and Frequency Select Register (default = 0) Serial Configuration Command Bitmap Note: PWD = Power-Up Default Note 1. Default at Power-up will be for latched logic inputs to define frequency as displayed by Bit 3. t i Bn o i t p i r c s e DD W P t i B 4 : 6 , 7 , 2 2 t i B7 t i B6 t i B5 t i B4 t i B K L C U P C z H M K L C I C P z H M X X X X 1 e t o N 0 000 0 0 0 . 0 80 0 . 0 4 0 000 1 0 0 . 5 70 5 . 7 3 00 0 1 0 1 3 . 3 85 6 . 1 4 00 0 1 1 9 . 6 65 4 . 3 3 00 1 0 0 0 0 . 3 0 13 3 . 4 3 00 1 0 1 1 0 . 2 1 14 3 . 7 3 00 1 1 0 1 0 . 8 61 0 . 4 3 00 1 1 1 7 . 0 0 17 5 . 3 3 01 0 0 0 0 0 . 0 2 10 0 . 0 4 01 0 0 1 9 9 . 4 1 13 3 . 8 3 01 0 1 0 9 9 . 9 0 16 6 . 6 3 01 0 1 1 0 0 . 5 0 10 0 . 5 3 01 1 0 0 0 0 . 0 4 10 0 . 5 3 01 1 0 1 0 0 . 0 5 10 5 . 7 3 0 111 0 0 0 . 4 2 10 0 . 1 3 0 111 1 9 . 3 3 15 2 . 3 3 1 000 0 0 0 . 5 3 15 7 . 3 3 1 000 1 9 9 . 9 2 10 5 . 2 3 10 0 1 0 0 0 . 6 2 10 5 . 1 3 10 0 1 1 0 0 . 8 1 13 3 . 9 3 10 1 0 0 8 9 . 5 1 16 6 . 8 3 10 1 0 1 0 0 . 5 97 6 . 1 3 10 1 1 0 0 0 . 0 90 0 . 0 3 10 1 1 1 1 0 . 5 84 3 . 8 2 11 0 0 0 0 0 . 6 6 10 5 . 1 4 11 0 0 1 1 0 . 0 6 10 0 . 0 4 11 0 1 0 9 9 . 4 5 15 7 . 8 3 11 0 1 1 5 9 . 7 4 19 9 . 6 3 11 1 0 0 8 9 . 5 4 10 5 . 6 3 11 1 0 1 8 9 . 3 4 19 9 . 5 3 1 111 0 9 9 . 1 4 10 5 . 5 3 1 111 1 1 0 . 8 3 10 5 . 4 3 3 t i B s t u p n i d e h c t a l , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 ) d a e r p S r e t n e C ( % 5 2 . 0 ± d e l b a n E m u r t c e p S d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o l l a e t a t s i r T - 1 0 |