| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9248-96 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9248-96 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 12 page ![]() 5 ICS9248-96 0311D—04/23/04 Byte 1: Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 3 S F 6 t i B- X # 0 S F 5 t i B- X # 2 S F 4 t i B8 2X z H M 4 2 = 0 , z H M 8 4 _ 4 2 3 t i B7 21 1 _ z H M 8 4 2 t i B6 21 0 _ z H M 8 4 1 t i B- 1 ) d e v r e s e R ( 0 t i B1 31 F _ M A R D S Byte 4: Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 ) d e v r e s e R ( 6 t i B8 1 1 _ 6 6 V 3 5 t i B7 1 0 _ 6 6 V 3 4 t i B- X # C I P A O I _ Q E R F 3 t i B7 41 C I P A O I 2 t i B- X # 1 S F 1 t i B4 41 1 K L C U P C 0 t i B5 41 0 K L C U P C Byte 3: PCI, Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B0 21 7 K L C I C P 6 t i B9 11 6 K L C I C P 5 t i B7 11 5 K L C I C P 4 t i B6 11 4 K L C I C P 3 t i B5 11 3 K L C I C P 2 t i B3 11 2 K L C I C P 1 t i B2 11 1 K L C I C P 0 t i B1 11 0 K L C I C P Byte 2: SDRAM, Control Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B2 31 7 M A R D S 6 t i B3 31 6 M A R D S 5 t i B5 31 5 M A R D S 4 t i B6 31 4 M A R D S 3 t i B7 31 3 M A R D S 2 t i B9 31 2 M A R D S 1 t i B0 41 1 M A R D S 0 t i B1 41 0 M A R D S Notes: 1. Disable means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. Byte 5: Peripheral , Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) e t o N ( d e v r e s e R 6 t i B- 0 ) e t o N ( d e v r e s e R 5 t i B- 0 ) e t o N ( d e v r e s e R 4 t i B- 0 ) e t o N ( d e v r e s e R 3 t i B- 0 ) e t o N ( d e v r e s e R 2 t i B- 1 ) e t o N ( d e v r e s e R 1 t i B- 1 ) e t o N ( d e v r e s e R 0 t i B- 0 ) e t o N ( d e v r e s e R Byte 6: Peripheral , Active/Inactive Register (1= enable, 0 = disable) Note: Don’t write into this register. Writing into this register can cause malfunction |