| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9248-101 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9248-101 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 17 page ![]() 5 ICS9248-101 Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. Byte 2: PCI Active/Inactive Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B7 1 ) t c a n I / t c A ( F _ K L C I C P 6 t i B8 11 ) t c a n I / t c A ( 6 K L C I C P 5 t i B7 11 ) t c a n I / t c A ( 5 K L C I C P 4 t i B3 11 ) t c a n I / t c A ( 4 K L C I C P 3 t i B2 11 ) t c a n I / t c A ( 3 K L C I C P 2 t i B1 11 ) t c a n I / t c A ( 2 K L C I C P 1 t i B0 11 ) t c a n I / t c A ( 1 K L C I C P 0 t i B8 1 ) t c a n I / t c A ( 0 K L C I C P Byte 1: CPU, Active/Inactive Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B6 41 ) t c a n I / t c A ( F _ K L C U P C 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B9 31 ) t c a n I / t c A ( F _ M A R D S 2 t i B2 41 ) t c a n I / t c A ( 2 K L C U P C 1 t i B3 41 ) t c a n I / t c A ( 1 K L C U P C 0 t i B5 41 ) t c a n I / t c A ( 0 K L C U P C Byte 3: SDRAM Active/Inactive Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B8 21 ) e v i t c a n I / e v i t c A ( 7 M A R D S 2 t i B9 21 ) e v i t c a n I / e v i t c A ( 6 M A R D S 1 t i B1 31 ) e v i t c a n I / e v i t c A ( 5 M A R D S 0 t i B2 31 ) e v i t c a n I / e v i t c A ( 4 M A R D S |