công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS9176M-01 bảng dữ liệu(PDF) 4 Page - Integrated Circuit Systems

tên linh kiện ICS9176M-01
Giải thích chi tiết về linh kiện  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9176M-01 bảng dữ liệu(HTML) 4 Page - Integrated Circuit Systems

  ICS9176M-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9176M-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9176-01
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics
DC Characteristics
VDD =+5V±5%, TA=0°C to 70°C unless otherwise stated
Note:
1. Guaranteed by design and characterization. Not subject to 100% test.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
VDD=5V
-
-
0.8
V
Input High Voltage
VIH
VDD=5V
2.0
-
-
V
Input Current
Ii
VIN=0V, 5V
-5
-
5
µA
Output Low Voltage
VOL
@IOL=14mA
-
0.25
0.4
V
Output Low Current
IOL
@VOL=0.8V
33
42
-
mA
Output High Voltage
1
VOH
@IOH=-38mA
2.4
-
-
V
Output High Current
1
IOH
@VOH=2.0V
-
-59
-41
mA
Supply Current, Normal
Mode
IDD
Unloaded outputs,
@ 66.6 Mhz
-55
75
mA
Supply Current, Power-
down Mode
IDD-PD
T1, T0=0, 0
-
2.0
10.0
mA



Html Pages

1 2 3 4 5 6 7 8