công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS9150F-02 bảng dữ liệu(PDF) 4 Page - Integrated Circuit Systems

tên linh kiện ICS9150F-02
Giải thích chi tiết về linh kiện  Pentium Pro and SDRAM Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-02 bảng dữ liệu(HTML) 4 Page - Integrated Circuit Systems

  ICS9150F-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-02 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9150-02
Preliminary Product Preview
Serial Configuration Command Bitmaps
Byte 0: Functional and Frequency Select Clock Register (default = 0)
General I2C serial interface information
BIT
PIN#
DESCRIPTION
PWD
Bit 7
-
Reserved
0
Bit 6
-
Must be 0 for normal operation
0
Bit 5
-
Must be 0 for normal operation
0
In Spread Spectrum, Controls type
(0=centered, 1=down spread)
0
Bit 4
-
Must be 0 for normal operation
0
In Spread Spectrum, Controls Controls
Spreading %(0=1.5%, 1=0.5%)
0
Bit 3
-
Reserved
0
Bit 2
-
Reserved
0
Bit 1
Bit 0
-
Bit1
1
1
0
0
Bit0
1 - Tri-State
0 - Spread Spectrum Enable
1 - Testmode
0 - Normal operation
0
0
A.
For the clock generator to be addressed by an I2C controller, the following address must be sent as a start sequence,
with an acknowledge bit between each byte.
B.
The clock generator is a slave/receiver I2C component. It can "read back "(in Philips I2C protocol) the data stored in the
latches for verification. (set R/W# to 1 above). There is no BYTE count supported, so it does not meet the Intel SMB
PIIX4 protocol.
C.
The data transfer rate supported by this clock generator is 100K bits/sec (standard mode)
D.
The input is operating at 3.3V logic levels.
E.
The data byte format is 8 bit bytes.
F.
To simplify the clock generator I2C interface, the protocol is set to use only block writes from the controller. The bytes
must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has
been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two
bytes. The data is loaded until a Stop sequence is issued.
G.
In the power down mode (PWR_DWN# Low), the SDATA and SCLK pins are tristated and the internal data latches
maintain all prior programming information.
H.
At power-on, all registers are set to a default condition. See Byte 0 detail for default condition, Bytes 1 through 5 default
to a 1 (Enabled output state)
Then Byte 0, 1, 2, etc in
sequence until STOP.
Byte 0, 1, 2, etc in sequence until STOP.
Clock Generator
Address (7 bits)
ACK
+ 8 bits dummy
command code
ACK
+ 8 bits dummy
Byte count
ACK
A(6:0) & R/W#
D2(H)
Clock Generator
Address (7 bits)
ACK
Byte 0
ACK
Byte 1
ACK
A(6:0) & R/W#
D3(H)
I2C is a trademark of Philips Corporation
Note: PWD = Power-Up Default



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com