| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HTMS1x01 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1x01 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.3 — 17 October 2014 152933 5 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 6. Block diagram The HITAG µ transponder ICs require no external power supply. The contactless interface generates the power supply and the system clock via the resonant circuitry by inductive coupling to the Read/Write Device (RWD). The interface also demodulates data transmitted from the RWD to the HITAG µ transponder IC, and modulates the magnetic field for data transmission from the HITAG µ transponder IC to the RWD. Data are stored in a non-volatile memory (EEPROM). The EEPROM has a capacity of up to 1760 bit and is organized in blocks. Fig 1. Block diagram of HITAG µ transponder IC 001aai334 CLK MOD DEMOD VREG VDD data in data out clock R/W ANALOGUE RF INTERFACE PAD PAD RECT Cres DIGITAL CONTROL TRANSPONDER ANTICOLLISION READ/WRITE CONTROL ACCESS CONTROL EEPROM INTERFACE CONTROL RF INTERFACE CONTROL EEPROM SEQUENCER CHARGE PUMP |