công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HBLDS3SSAC bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện HBLDS3SSAC
Giải thích chi tiết về linh kiện  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

HBLDS3SSAC bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HBLDS3SSAC Datasheet HTML 4Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 5Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 6Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 7Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 8Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 9Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 10Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 11Page - List of Unclassifed Manufacturers HBLDS3SSAC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
8
Circuit-Lock® Pin and Sleeve Mechanical Interlocks
Amp Poles/Wires
Voltage AC
Unfused
Reverse Service
Fused*
20
3 Pole,
4 Wire
120/240V
HBL420MI12W
—
—
3Ø 240V
HBL420MI9W
—
—
3Ø 480V
HBL420MI7W
—
—
30
2 Pole,
3 Wire
120V
HBL330MI4W
—
—
240V
HBL330MI6W
—
—
480V
HBL330MI7W
—
—
3 Pole,
4 Wire
120/240V
HBL430MI12W
—
HBL430MIF12W
3Ø 240V
HBL430MI9W
HBL430MI9WR
HBL430MIF9W
3Ø 480V
HBL430MI7W
HBL430MI7WR
HBL430MIF7W
4 Pole,
5 Wire
3ØY 120/208V
HBL530MI9W
—
—
3ØY 277/480V
HBL530MI7W
—
HBL530MIF7W
32
3 Pole, 4 Wire
380V 50HZ-440V 60Hz
HBL432MI3W
—
—
60
2 Pole,
3 Wire
120V
HBL360MI4W
—
—
240V
HBL360MI6W
—
—
480V
HBL360MI7W
—
—
3 Pole,
4 Wire
120/240V
HBL460MI12W
HBL460MI12WR HBL460MIF12W
3Ø 240V
HBL460MI9W
HBL460MI9WR
HBL460MIF9W
3Ø 480V
HBL460MI7W
HBL460MI7WR
HBL460MIF7W
4 Pole,
5 Wire
3ØY 120/208V
HBL560MI9W
—
HBL560MIF9W
3ØY 277/480V
HBL560MI7W
—
—
100
2 Pole, 3 Wire
240V
HBL3100MI6W
—
—
3 Pole,
4 Wire
120/240V
HBL4100MI12W
HBL4100MI12WR —
3Ø 240V
HBL4100MI9W
HBL4100MI9WR —
3Ø 480V
HBL4100MI7W
HBL4100MI7WR —
4 Pole, 5 Wire
3ØY 120/208V
HBL5100MI9W
—
—
IP67
SUITABILITY
Circuit-Lock® Pin and Sleeve Mechanical Interlocks
20, 30, 60 and 100 Ampere – North American Ratings,
32 Ampere – International Rating
Insulgrip® Mechanical Interlocks - Style II
Amp Poles/Wires
Voltage
Unfused
Fused*
30
3 Pole, 4 Wire
600V AC/250V DC
HBL430MIS2W
HBL430MIFS2W
60
3 Pole, 4 Wire
600V AC/250V DC
HBL460MIS2W
HBL460MIFS2W
Note: 20A, 30A, 32A – 1 inch N.P.T. hub supplied; 60A, 100A – 1¼ inch hub supplied.
*Class “J” fuses not included.
Valox® is a trademark of SABIC Innovative Plastics, acquired from General Electric Company.
• Mechanically interlocked to prevent mating and breaking under load
• Available in both IEC and UL1686-C1 Insulgrip® styles
• Fused disconnects accept Class "J" fuses
• Fully removable door for ease of wiring
• IEC reverse service units available for safely connecting generators
HBL420MI7W
HBL430MIF7W
HBL430MIS2W
Hubbell Circuit-Lock® Pin and Sleeve Mechanical Interlocks are a
revolutionary design that incorporates a disconnect switch and pin
and sleeve receptacle in a compact non-metallic unit. These devices
offer maximum safety by preventing users from mating or breaking
a circuit under load—Hubbell’s interlock mechanism detects the
presence of a plug and prevents it from being removed when the
switch is in the "ON" position. It features a high visibility red handle
that can be locked to meet OSHA lockout/tagout regulations,
and the enclosure door can be locked to prevent unauthorized
access. The rugged, corrosion-resistant Type 4X Valox® enclosure
features adjustable mounting feet for flexible installation, while the
receptacle’s spring-loaded cover with gasket is dust tight and
provides a watertight seal when turned and locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com