| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M24C32-FDW5TP bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C32-FDW5TP bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 42 page ![]() DocID4578 Rev 24 41/42 M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF Revision history 41 19-May-2014 22 Add new package UFDFPN5, description onFigure 15 and Table 20. Updated: – Figure 5: Block diagram –VESD value on Table 5 – Icc1 values on Table 14 – Icc and Icc0 test conditions on Table 16 –VIH(max) values on Table 14, Table 15 – Icc, Icc0 ,Icc1, VIL, VOL and VIH test conditions onTable 16 – Note on Table 12, Table 13, Table 14, Table 16, Table 17 and Table 19 – Table 25 – Section numbering for Section 5.2.4 and Section 5.2.5. 28-Jul-2014 23 Updated Table 8. 02-Sept-2014 24 Updated – Section 5.1.5. – Note 1 on Table 12 – Section 9, added reference to unsawn wafer availability. – note 3 on Table 25. Added: – Note 1 on Table 8 – Note 2 on Table 13 – Note 2 on Figure 19 – Table 26. Removed notes 1 and 2 on Section 5.1.5 Table 27. Document revision history (continued) Date Revision Changes |