| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS601M-01 bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS601M-01 bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems |
|
5 / 5 page ![]() ICS601-01 Low Phase Noise Clock Multiplier MDS 601-01 G 5 Revision 090800 Printed 11/14/00 Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Package Outline and Package Dimensions (For current dimensional specifications, see JEDEC no. 95.) Ordering Information Part/Order Number Marking Shipping packaging Package Temperature ICS601M-01 ICS601M-01 tubes 16 pin narrow SOIC 0 to 70 °C ICS601M-01T ICS601M-01 tape and reel 16 pin narrow SOIC 0 to 70 °C ICS601M-01I ICS601M-01I tubes 16 pin narrow SOIC -40 to 85 °C ICS601M-01IT ICS601M-01I tape and reel 16 pin narrow SOIC -40 to 85 °C ICS601G-01 ICS601G-01 tubes 16 pin TSSOP 0 to 70 °C ICS601G-01T ICS601G-01 tape and reel 16 pin TSSOP 0 to 70 °C B D E H e A1 C A 16 pin narrow SOIC, TSSOP (in mm) SOIC SOIC TSSOP TSSOP Symbol Min Max Min Max A 1.35 1.75 - 1.20 A1 0.10 0.25 0.05 0.15 B 0.33 0.51 0.19 0.30 C 0.19 0.25 0.09 0.20 D 9.80 10.00 4.90 5.10 E 3.80 4.00 4.30 4.50 H 5.80 6.20 6.40 BSC 6.40 BSC e 1.27 BSC 1.27 BSC 0.65 BSC 0.65 BSC L 0.40 1.27 0.45 0.75 L |