| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8534A bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534A bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 52 page ![]() PCF8534A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 25 July 2011 36 of 52 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 13. Application information 13.1 Cascaded operation Large display configurations of up to 16 PCF8534As can be recognized on the same I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable I2C-bus slave address (SA0). When cascaded PCF8534A are synchronized, they can share the backplane signals from one of the devices in the cascade. Such an arrangement is cost-effective in large LCD applications since the backplane outputs of only one device need to be through-plated to the backplane electrodes of the display. The other PCF8534A of the cascade contribute additional segment outputs, but their backplane outputs are left open-circuit (see Figure 23). Table 21. Addressing cascaded PCF8534A Cluster Bit SA0 Pin A2 Pin A1 Pin A0 Device 100 000 0 011 0 102 0 113 1 004 1 015 1 106 1 117 210 008 0 019 0 1010 0 1111 1 0012 1 0113 1 1014 1 1115 |