| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1893 bảng dữ liệu(PDF) 142 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893 bảng dữ liệu(HTML) 142 Page - Integrated Circuit Systems |
|
142 / 152 page ![]() ICS1893 Rev C 6/6/00 June, 2000 142 Chapter 10 DC and AC Operating Conditions ICS1893 Data Sheet - Release Copyright © 2000, Integrated Circuit Systems, Inc. All rights reserved. 10.5.16 100M Media Dependent Interface: Input-to-Carrier Assertion/De-Assertion Table 10-23 lists the significant time periods for the 100M MDI input-to-carrier assertion/de-assertion. The time periods consist of timings of signals on the following pins: • TP_RX (that is, TP_RXP and TP_RXN) • CRS • COL Figure 10-17 shows the timing diagram for the time periods. † The IEEE maximum is 20 bit times. ‡ The IEEE minimum is 13 bit times, and the maximum is 24 bit times. Figure 10-17. 100M MDI Input to Carrier Assertion / De-Assertion Timing Diagram Table 10-23. 100M MDI Input-to-Carrier Assertion/De-Assertion Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 First Bit of /J/ into TP_RX to CRS Assert † – 10 – 14 Bit times t2 First Bit of /J/ into TP_RX while Transmitting Data to COL Assert † Half-Duplex Mode 9 – 13 Bit times t3 First Bit of /T/ into TP_RX to CRS De-Assert ‡ – 13 – 18 Bit times t4 First Bit of /T/ Received into TP_RX to COL De-Assert ‡ Half-Duplex Mode 13 – 18 Bit times t1 t2 t3 t4 First bit First bit of /T/ † Shown unscrambled. TP_RX† CRS COL |