công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90USB647 bảng dữ liệu(PDF) 79 Page - ATMEL Corporation

tên linh kiện AT90USB647
Giải thích chi tiết về linh kiện  135 powerful instructions ??most single clock cycle execution
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 bảng dữ liệu(HTML) 79 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 75Page - ATMEL Corporation AT90USB647 Datasheet HTML 76Page - ATMEL Corporation AT90USB647 Datasheet HTML 77Page - ATMEL Corporation AT90USB647 Datasheet HTML 78Page - ATMEL Corporation AT90USB647 Datasheet HTML 79Page - ATMEL Corporation AT90USB647 Datasheet HTML 80Page - ATMEL Corporation AT90USB647 Datasheet HTML 81Page - ATMEL Corporation AT90USB647 Datasheet HTML 82Page - ATMEL Corporation AT90USB647 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 456 page
background image
79
7593L–AVR–09/12
AT90USB64/128
Note:
1. ADA is short for ADdress Active and represents the time when address is output. See “Exter-
nal memory interface” on page 31 for details.
11.3.3
Alternate functions of Port B
The Port B pins with alternate functions are shown in Table 11-6.
The alternate pin configuration is as follows:
• OC0A/OC1C/PCINT7, bit 7
OC0A, Output Compare Match A output: The PB7 pin can serve as an external output for the
Timer/Counter0 Output Compare. The pin has to be configured as an output (DDB7 set “one”) to
serve this function. The OC0A pin is also the output pin for the PWM mode timer function.
Table 11-5.
Overriding signals for alternate functions in PA3..PA0.
Signal
name
PA3/AD3
PA2/AD2
PA1/AD1
PA0/AD0
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR | ADA) •
PORTA3 • PUD
~(WR | ADA) •
PORTA2 • PUD
~(WR | ADA) •
PORTA1 • PUD
~(WR | ADA) •
PORTA0 • PUD
DDOE
SRE
SRE
SRE
SRE
DDOV
WR | ADA
WR | ADA
WR | ADA
WR | ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
A3 • ADA | D3
OUTPUT • WR
A2• ADA | D2
OUTPUT • WR
A1 • ADA | D1
OUTPUT • WR
A0 • ADA | D0
OUTPUT • WR
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
D3 INPUT
D2 INPUT
D1 INPUT
D0 INPUT
AIO
–
–
–
–
Table 11-6.
Port B pins alternate functions.
Port pin
Alternate functions
PB7
OC0A/OC1C/PCINT7 (Output Compare and PWM Output A for Timer/Counter0,
Output Compare and PWM Output C for Timer/Counter1 or Pin Change Interrupt 7)
PB6
OC1B/PCINT6 (Output Compare and PWM Output B for Timer/Counter1 or Pin
Change Interrupt 6)
PB5
OC1A/PCINT5 (Output Compare and PWM Output A for Timer/Counter1 or Pin
Change Interrupt 5)
PB4
OC2A/PCINT4 (Output Compare and PWM Output A for Timer/Counter2 or Pin
Change Interrupt 4)
PB3
PDO/MISO/PCINT3 (Programming Data Output or SPI Bus Master Input/Slave
Output or Pin Change Interrupt 3)
PB2
PDI/MOSI/PCINT2 (Programming Data Input orSPI Bus Master Output/Slave Input
or Pin Change Interrupt 2)
PB1
SCK/PCINT1 (SPI Bus Serial Clock or Pin Change Interrupt 1)
PB0
SS/PCINT0 (SPI Slave Select input or Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com