| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1892 bảng dữ liệu(PDF) 144 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 bảng dữ liệu(HTML) 144 Page - Integrated Circuit Systems |
|
144 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 144 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.21 Auto-Negotiation Fast Link Pulse Timing Table 10-28 lists the significant time periods for the ICS1892 Auto-Negotiation Fast Link Pulse (which consists of timings of signals on the TP_TXP and TP_TXN pins). Figure 10-21 shows the timing diagram for the time periods. Figure 10-21. Auto-Negotiation Fast Link Pulse Timing Diagram Table 10-28. Auto-Negotiation Fast Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Clock/Data Pulse Width – – 100 – ns t2 Clock Pulse-to-Data Pulse Timing – 55.5 62.5 69.5 µs t3 Clock Pulse-to-Clock Pulse Timing – 111 125 139 µs t4 FLP Burst Width – – 2 – ms t5 FLP Burst to FLP Burst – 8 16.8 24 ms t6 Number of Clock/Data Pulses in a Burst – 17 – 33 pulses TP_TXP TP_TXP Clock Pulse Clock Pulse Data Pulse t1 t3 t2 t4 t5 t1 FLP Burst FLP Burst |