| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS1892 bảng dữ liệu(PDF) 143 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 bảng dữ liệu(HTML) 143 Page - Integrated Circuit Systems |
|
143 / 148 page ![]() Chapter 10 DC and AC Operating Conditions ICS1892, Rev. D, 2/26/01 February 26, 2001 143 ICS1892 © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.20 10Base-T: Normal Link Pulse Timing Table 10-27 lists the significant time periods for the 10Base-T Normal Link Pulse (which consists of timings of signals on the TP_TXP pin). Figure 10-20 shows the timing diagram for the time periods. Figure 10-20. 10Base-T Normal Link Pulse Timing Diagram Table 10-27. 10Base-T Normal Link Pulse Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 Normal Link Pulse Width 10Base-T – 100 – ns t2 COL Heartbeat (SQE) Assertion Duration 10Base-T Half Duplex 8 18 24 ms TP_TXP t1 t2 |