| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMS87C1102 bảng dữ liệu(PDF) 5 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS87C1102 bảng dữ liệu(HTML) 5 Page - Hynix Semiconductor |
|
5 / 88 page ![]() 2 Apr. 2001 ver 1.0 HMS87C130XA/120XA/110XA • Oscillator Type - Crystal - Ceramic Resonator - RC-oscillation ( C can be omitted ) • Power-On Reset • Noise Immunity Circuit - Power Fail Processor • Power Down Mode - STOP mode - Wake-up Timer mode - Internal RC-WDT mode 1.3 Development Tools The HMS87C1X0XA is supported by a full-featured mac- ro assembler, an in-circuit emulator CHOICE-DrTM and OTP programmers. The marco assembler operates under the MS-Windows 95/ 98TM. The OTP programmer can be supplied three types of pro- grammer such as emulator add-on board type single pro- grammer (Dr.WriterTM), univeral stand-alone type single programmer (CHOICE-SIGMATM) and gang type pro- grammer (CHOICE-SIGMATM). . Figure 1-1 In Circuit Emulator CHOICE-Dr.TM Figure 1-2 OTP Single Programmer Dr.WriterTM Figure 1-3 OTP Gang Programmer CHOICE-GANG4TM In Circuit Emulators CHOICE-Dr. TM Assembler Hynix Macro Assembler OTP Programmer Single Programmer : Dr. WriterTM Universal Programmer : CHOICE- SIGMATM Gang Programmer : CHOICE-GANG4TM |