| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMS91C7432 bảng dữ liệu(PDF) 13 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HMS91C7432 bảng dữ liệu(HTML) 13 Page - Hynix Semiconductor |
|
13 / 24 page ![]() Hynix semiconductor 13 Specifications of HMS91C7432 Continue of Table 3. Listing of Control Code 0x87 Login POP3 server - Host’s command in Simple Command mode. Instruct the HMS91C7432 to login to the dedicated POP3 server. Upon the command is accepted, HMS91C7432 will run the following steps, and Connection Status will be reported on each step. 1. Run DNS protocol to resolve for the POP3 server’s IP address. 2. Register to the POP3 server and run the authentication check process 3. If authentication check is passed, request the POP3 server to return the number of mail contain in the mailbox. 4. If UIDL option is set (refer to Table 4 for explanation of UIDL option), request the POP3 server to return the Length and UID for each mail in the mailbox. The Login POP3 process ends when the POP3 server returns the number of mail and or the UIDL, or in any cases a Logon failure occurs. Upon receipt of the “Number of Mail” info and the UIDL info, HMS91C7432 will pass these info to the host by using Complex Command mode with Control Code 0x00. The Login POP3 command must be issued after the POP3 Login information have been passed, otherwise, HMS91C7432 will issue request using Control Code 0x01 for missing info. Host to HMS91C7432 0x88 Quit POP3 Server - Host’s command in Simple Command mode. Instruct the HMS91C7432 to end the current POP3 session. Upon the command is accepted, HMS91C7432 will quit the POP3 Server and keep ON LINE (keep connection with the internet). Quit POP3 OK will be reported to the host by using Control Code 0x02 complex command. Host to HMS91C7432 0x89 Shut Down HMS91C7432 - Host’s command in Simple Command mode. Instruct the HMS91C7432 to enter the Power Down mode. Make sure the SMTP session or the POP3 session is terminated and the line is disconnected before the Shut Down command is issued. Host to HMS91C7432 |