công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HDM8513AP bảng dữ liệu(PDF) 42 Page - Hynix Semiconductor

tên linh kiện HDM8513AP
Giải thích chi tiết về linh kiện  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP bảng dữ liệu(HTML) 42 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 38Page - Hynix Semiconductor HDM8513AP Datasheet HTML 39Page - Hynix Semiconductor HDM8513AP Datasheet HTML 40Page - Hynix Semiconductor HDM8513AP Datasheet HTML 41Page - Hynix Semiconductor HDM8513AP Datasheet HTML 42Page - Hynix Semiconductor HDM8513AP Datasheet HTML 43Page - Hynix Semiconductor HDM8513AP Datasheet HTML 44Page - Hynix Semiconductor HDM8513AP Datasheet HTML 45Page - Hynix Semiconductor HDM8513AP Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
6. Register Definitions
6.1 Write Registers
ADDRESS (Hex)
00, 01, 02
Symbol Timing Frequency
The 20 bit straight binary number in this field establishes the symbol
timing frequency utilized within the demodulator. Bit 7 of address 00 is
the MSB and bit 4 of address 02 is the LSB. If Rs is the symbol rate
and fc is the clock frequency, the value to be stored in this 20 bit field is
the integer portion of Rs(2
20)/fc.
03
Symbol Timing Loop Gain Control
This field establishes the K1 and K2 gain values for the second order
loop filter of the symbol tracking loop. Bits 0,1 and 2 determine the
straight-through gain, and bits 4,5,6 and 7 determine the integration
path gain. The nominal value of this parameter in Hex, is expressed
below for different ranges of symbol rate to clock rate ratios:
Symbol Rate/Clock
Value
0.75 - 0.40
B6
0.40 - 0.20
A5
0.20 - 0.10
94
0.10 - 0.05
83
0.05 - 0.025
72
0.025 - 0.016
61
04, 05, 06
Carrier Frequency
The 20 bit, two's complement number in this field establishes the
nominal carrier frequency of the demodulator. Bit 7 of address 04 is the
MSB and bit 4 of address 06 is the LSB. The number in this 20 bit field
multiplied by the clock frequency divided by 2
20 is the carrier frequency
in Hertz. When the carrier sweep function is active, this value defines
the starting frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com