công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS97C52 bảng dữ liệu(PDF) 49 Page - Hynix Semiconductor

tên linh kiện GMS97C52
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS97C52 bảng dữ liệu(HTML) 49 Page - Hynix Semiconductor

Back Button GMS97C52 Datasheet HTML 45Page - Hynix Semiconductor GMS97C52 Datasheet HTML 46Page - Hynix Semiconductor GMS97C52 Datasheet HTML 47Page - Hynix Semiconductor GMS97C52 Datasheet HTML 48Page - Hynix Semiconductor GMS97C52 Datasheet HTML 49Page - Hynix Semiconductor GMS97C52 Datasheet HTML 50Page - Hynix Semiconductor GMS97C52 Datasheet HTML 51Page - Hynix Semiconductor GMS97C52 Datasheet HTML 52Page - Hynix Semiconductor GMS97C52 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
45
OSCILLATOR CIRCUIT
Figure 10. Recommended Oscillator Circuits
Oscillation circuit is designed to be used either with a ceramic resonator or crystal oscillator. Since each crystal
and ceramic resonator have their own characteristics, the user should consult the crystal manufacturer for ap-
propriate values of external components.
XTAL2
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
XTAL1
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
CRYSTAL OSCILLATOR MODE
DRIVING FROM EXTERNAL SOURCE
XTAL2
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
XTAL1
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
External Oscillator
Signal
N.C.
C2
C1
C1, C2 = 30pF
±10pF for Crystals
For Ceramic Resonators, contact resonator manufacturer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59