| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS90C320PL50 bảng dữ liệu(PDF) 12 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS90C320PL50 bảng dữ liệu(HTML) 12 Page - Hynix Semiconductor |
|
12 / 46 page ![]() GMS90C320 8 OCT. 2000 Ver 1.2 Function Description The GMS90 series is fully compatible to the standard 8051 microcontroller family. It is compatible with the standard 80C32. While maintaining all architectural and operational characteristics of the standard 80C32, the GMS90C320 incorporates some enhancements in the Timer 2 unit. Figure 1 shows a block diagram of the GMS90C320 Figure 1 Block Diagram of the GMS90C320 RAM 256 x 8 Port 0 Port 0 8-bit Digital I/O Port 1 Port 1 8-bit Digital I/O Port 2 Port 2 8-bit Digital I/O Port 3 Port 3 8-bit Digital I/O CPU Timer 0 Timer 1 Timer 2 Interrupt Unit Serial Channel OSC & Timing XTAL1 XTAL2 RESET EA ALE PSEN |