| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24C01A bảng dữ liệu(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
24C01A bảng dữ liệu(HTML) 6 Page - ATMEL Corporation |
|
6 / 20 page ![]() 6 AT24C01A/02/04/08A/16A 5092D–SEEPR–4/07 MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire part can be reset by following these steps: 1. Clock up to 9 cycles. 2. Look for SDA high in each cycle while SCL is high. 3. Create a start condition. Bus Timing Figure 2. SCL: Serial Clock, SDA: Serial Data I/O Write Cycle Timing Figure 3. SCL: Serial Clock, SDA: Serial Data I/O Note: 1. The write cycle time t WR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. twr (1) STOP CONDITION START CONDITION WORDn ACK 8th BIT SCL SDA |