| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS90C31 bảng dữ liệu(PDF) 17 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS90C31 bảng dữ liệu(HTML) 17 Page - Hynix Semiconductor |
|
17 / 59 page ![]() GMS90 Series Oct. 2000 Ver 3.1a 13 SPECIAL FUNCTION REGISTERS All registers, except the program counter and the four general purpose register banks, reside in the special func- tion register area. The 28 special function registers (SFR) include pointers and registers that provide an interface between the CPU and the other on-chip peripherals. There are also 128 directly addressable bits within the SFR area. All SFRs are listed in Table 1, Table 1, and Table 3. In Table 1 they are organized in numeric order of their addresses. In Table 2 they are organized in groups which refer to the functional blocks of the GMS90 series. Table 3 illustrates the contents of the SFRs. Table 1. Special Function Registers in Numeric Order of their Addresses Address Register Contents after Reset Address Register Contents after Reset 80H 81H 82H 83H 84H 85H 86H 87H P0 1) SP DPL DPH reserved reserved reserved PCON 1) Bit-addressable Special Function Register. FFH 07H 00H 00H XXH 2) XXH 2) XXH 2) 0XX0000B 2) 2) X means that the value is indeterminate and the location is reserved. 90H 91H 92H 93H 94H 95H 96H 97H P1 1) reserved reserved reserved reserved reserved reserved reserved FFH 00H XXH 2) XXH 2) XXH 2) XXH 2) XXH 2) XXH 2) 88H 89H 8AH 8BH 8CH 8DH 8EH 3) 8FH 3) The GMS9XX54/56/58 have the AUXR0 register at address 8E H. TCON 1) TMOD TL0 TL1 TH0 TH1 + 3) reserved 00H 00H 00H 00H 00H 00H + 3) XXH 2) 98H 99H 9AH 9BH 9CH 9DH 9EH 9FH SCON 1) SBUF reserved reserved reserved reserved reserved reserved 00H XXH 2) XXH 2) XXH 2) XXH 2) XXH 2) XXH 2) XXH 2) 8EH reserved XXXXXXX0B2) 8EH AUXR0 GMS9XX51/52 GMS9XX54/56/58 XXXXXXXXB2) |