công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS90C31 bảng dữ liệu(PDF) 17 Page - Hynix Semiconductor

tên linh kiện GMS90C31
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C31 bảng dữ liệu(HTML) 17 Page - Hynix Semiconductor

Back Button GMS90C31 Datasheet HTML 13Page - Hynix Semiconductor GMS90C31 Datasheet HTML 14Page - Hynix Semiconductor GMS90C31 Datasheet HTML 15Page - Hynix Semiconductor GMS90C31 Datasheet HTML 16Page - Hynix Semiconductor GMS90C31 Datasheet HTML 17Page - Hynix Semiconductor GMS90C31 Datasheet HTML 18Page - Hynix Semiconductor GMS90C31 Datasheet HTML 19Page - Hynix Semiconductor GMS90C31 Datasheet HTML 20Page - Hynix Semiconductor GMS90C31 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
13
SPECIAL FUNCTION REGISTERS
All registers, except the program counter and the four general purpose register banks, reside in the special func-
tion register area.
The 28 special function registers (SFR) include pointers and registers that provide an interface between the CPU
and the other on-chip peripherals. There are also 128 directly addressable bits within the SFR area.
All SFRs are listed in Table 1, Table 1, and Table 3.
In Table 1 they are organized in numeric order of their addresses. In Table 2 they are organized in groups which
refer to the functional blocks of the GMS90 series. Table 3 illustrates the contents of the SFRs.
Table 1. Special Function Registers in Numeric Order of their Addresses
Address
Register
Contents after
Reset
Address
Register
Contents after
Reset
80H
81H
82H
83H
84H
85H
86H
87H
P0 1)
SP
DPL
DPH
reserved
reserved
reserved
PCON
1) Bit-addressable Special Function Register.
FFH
07H
00H
00H
XXH 2)
XXH 2)
XXH 2)
0XX0000B 2)
2) X means that the value is indeterminate and the location is reserved.
90H
91H
92H
93H
94H
95H
96H
97H
P1 1)
reserved
reserved
reserved
reserved
reserved
reserved
reserved
FFH
00H
XXH 2)
XXH 2)
XXH 2)
XXH 2)
XXH 2)
XXH 2)
88H
89H
8AH
8BH
8CH
8DH
8EH 3)
8FH
3) The GMS9XX54/56/58 have the AUXR0 register at address 8EH.
TCON 1)
TMOD
TL0
TL1
TH0
TH1
 3)
reserved
00H
00H
00H
00H
00H
00H
 3)
XXH 2)
98H
99H
9AH
9BH
9CH
9DH
9EH
9FH
SCON 1)
SBUF
reserved
reserved
reserved
reserved
reserved
reserved
00H
XXH 2)
XXH 2)
XXH 2)
XXH 2)
XXH 2)
XXH 2)
XXH 2)
8EH
reserved
XXXXXXX0B2)
8EH
AUXR0
GMS9XX51/52
GMS9XX54/56/58
XXXXXXXXB2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59