| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS81C2012 bảng dữ liệu(PDF) 32 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS81C2012 bảng dữ liệu(HTML) 32 Page - Hynix Semiconductor |
|
32 / 92 page ![]() GMS81C2020/GMS81C2120 Hyundai Micro Electro nics 32 preliminary Nov. 1999 Ver 0.0 below table. Stack Area The stack provides the area where the return address is saved before a jump is performed during the processing routine at the execution of a subroutine call instruction or the acceptance of an interrupt. When returning from the processing routine, executing the subroutine return instruction [RET] restores the contents of the program counter from the stack; executing the interrupt return instruction [RETI] restores the contents of the pro- gram counter and flags. The save/restore locations in the stack are determined by the stack pointed (SP). The SP is automatically decreased after the saving, and increased before the restoring. This means the value of the SP indicates the stack location number for the next save. Addr. When read When write Timer Mode Capture Mode PWM Mode Timer Mode PWM Mode D1H T0 CDR0 - TDR0 - D3H - TDR1 T1PPR D4H T1 CDR1 T1PDR - T1PDR ECH BITR CKCTLR Table 11-2 Various Register Name in Same Address |