công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS81C2012K bảng dữ liệu(PDF) 69 Page - Hynix Semiconductor

tên linh kiện GMS81C2012K
Giải thích chi tiết về linh kiện  HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C2012K bảng dữ liệu(HTML) 69 Page - Hynix Semiconductor

Back Button GMS81C2012K Datasheet HTML 65Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 66Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 67Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 68Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 69Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 70Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 71Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 72Page - Hynix Semiconductor GMS81C2012K Datasheet HTML 73Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
HYUNDAI MicroElectronics
GMS81C2012/GMS81C2020
MAR. 2000 Ver 1.00
69
15. BUZZER FUNCTION
The buzzer driver block consists of 6-bit binary counter,
buzzer register BUR, and clock source selector. It gener-
ates square-wave which has very wide range frequency
(480Hz ~ 250kHz at fXIN= 4MHz) by user software.
A 50% duty pulse can be output to R03/BUZO pin to use
for piezo-electric buzzer drive. Pin R03 is assigned for output
port of Buzzer driver by setting the bit 3 of R0FUNC(address
0F4H) to “1”. At this time, the pin R03 must be defined as
output mode (the bit 3 of R0IO=1).
Example: 5kHz output at 4MHz.
LDM
R0IO,#XXXX_1XXXB
LDM
BUR,#0011_0010B
LDM
R0FUNC,#XXXX_1XXXB
X means don’t care
The bit 0 to 5 of BUR determines output frequency for
buzzer driving.
Equation of frequency calculation is shown below.
fBUZ: Buzzer frequency
fXIN: Oscillator frequency
Divide Ratio: Prescaler divide ratio by BUCK[1:0]
BUR: Lower 6-bit value of BUR. Buzzer period value.
The frequency of output signal is controlled by the buzzer
control register BUR.The bit 0 to bit 5 of BUR determine
output frequency for buzzer driving.
Figure 15-1 Block Diagram of Buzzer Driver
Figure 15-2 R0FUNC and Buzzer Register
f
BUZ
f
XIN
2
DivideRatio
BUR
1
+
()
×
×
----------------------------------------------------------------------------
=
÷8
÷32
÷16
÷64
BUR
R03/BUZO PIN
R0FUNC
Internal bus line
R03 port data
XIN PIN
6-bit binary
2
6
[0DEH]
[0F4H]
0
1
F/F
÷2
Comparator
Compare data
6-BIT COUNTER
MUX
00
01
10
11
Port selection
3
BUR[5:0]
BUR
ADDRESS: 0DEH
RESET VALUE: Undefined
WW
W
W
WW
Source clock select
00:
÷ 8
01:
÷ 16
10:
÷ 32
11:
÷ 64
Buzzer Period Data
R03/BUZO Selection
R0FUNC
ADDRESS : 0F4H
RESET VALUE : ---- 0000B
W
-
-
0: R03 port (Turn off buzzer)
1: BUZO port (Turn on buzzer)
WW
W
BUCK1 BUCK0
WW
-
-
BUZO
EC0
INT1
INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com