công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMS34112 bảng dữ liệu(PDF) 42 Page - Hynix Semiconductor

tên linh kiện GMS34112
Giải thích chi tiết về linh kiện  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS34112 bảng dữ liệu(HTML) 42 Page - Hynix Semiconductor

Back Button GMS34112 Datasheet HTML 38Page - Hynix Semiconductor GMS34112 Datasheet HTML 39Page - Hynix Semiconductor GMS34112 Datasheet HTML 40Page - Hynix Semiconductor GMS34112 Datasheet HTML 41Page - Hynix Semiconductor GMS34112 Datasheet HTML 42Page - Hynix Semiconductor GMS34112 Datasheet HTML 43Page - Hynix Semiconductor GMS34112 Datasheet HTML 44Page - Hynix Semiconductor GMS34112 Datasheet HTML 45Page - Hynix Semiconductor GMS34112 Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
3 - 15
(29) ALEM
Naming :
Accumulator Less Equal Memory
Status :
Carry to status
Format :
¥°
Function :
A ¡Â M(X,Y)
ST ¡ç 1 (when A ¡Â M(X,Y))
ST ¡ç 0 (when A > M(X,Y))
<Comment>
Data of the accumulator is, through a complemental addition,
subtracted from data in the memory location addressed by the
X and Y-register. Carry data obtained is transferred to the
status. When the status is ¡È1¡È, it indicates that the data of
the accumulator is less than or equal to the data of the
memory word. Neither of those data is not changed.
(30) ALEI
Naming :
Accumulator Less Equal Immediate
Status :
Carry to status
Format :
¥²
Function :
A ¡Â i
ST ¡ç 1 (when A ¡Â i)
ST ¡ç 0 (when A > i)
<Purpose>
Data of the accumulator and the constant are arithmetically
compared.
<Comment>
Data of the accumulator is, through a complemental addition,
subtracted from the constant that exists in 4bit operand. Carry
data obtained is transferred to the status. The status is set
when the accumulator value is less than or equal to the
constant. Data of the accumulator is left unchanged.
(31) MNEZ
Naming :
Memory Not Equal Zero
Status :
Comparison results to status
Format :
¥°
Function :
M(X,Y) ¡Á 0
ST ¡ç 1(when M(X,Y) ¡Á 0)
ST ¡ç 0 (when M(X,Y) = 0)
<Purpose>
A memory word is compared with zero.
<Comment>
Data in the memory addressed by the X and Y-register is
logically compared with zero. Comparison data is thransferred
to the status. Unless it is zero, the status is set.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More