| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GMS30112 bảng dữ liệu(PDF) 39 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30112 bảng dữ liệu(HTML) 39 Page - Hynix Semiconductor |
|
39 / 158 page ![]() 3 - 12 (20) SM Naming : Subtract Accumulator to Memory and Status 1 Not Borrow Status : Carry to status Format : é Function : A à M(X,Y) - A ST à 1(when A õ M(X,Y)) ST à 0(when A > M(X,Y)) <Comment> Data of the accumulator is, through a 2`s complemental addition, subtracted from the memory word addressed by the Y-register. Results are stored in the accumulator. If data of the accumulator is less than or equal to the memory word, the status is set to indicate that a borrow is not caused. If more than the memory word, a borrow occurs to reset the status to Ì0Ì. (21) IM Naming : Increment Memory and Status 1 on Carry Status : Carry to status Format : é Function : A à M(X,Y) + 1 ST à 1(when M(X,Y) ö 15) ST à 0(when M(X,Y) < 15) <Comment> Data of the memory addressed by the X and Y-register is fetched. Adding 1 to this word, results are stored in the accumulator. Carry data as results is transferred to the status. When the total is more than 15, the status is set. The memory is left unchanged. (22) DM Naming : Decrement Memory and Status 1 on Not Borrow Status : Carry to status Format : é Function : A à M(X,Y) - 1 ST à 1(when M(X,Y) ö1) ST à 0 (when M(X,Y) = 0) <Comment> Data of the memory addressed by the X and Y-register is fetched, and one is subtracted from this word (addition of Fh)> Results are stored in the accumulator. Carry data as results is transferred to the status. If the data is more than or equal to one, the status is set to indicate that no borrow is caused. The memory is left unchanged. Chapter 3. Instruction |