công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT89LP51ID2 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện AT89LP51ID2
Giải thích chi tiết về linh kiện  8-bit Microcontroller Compatible with 8051 Products
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51ID2 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  AT89LP51ID2_14 Datasheet HTML 1Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 2Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 3Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 4Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 5Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 6Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 7Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 8Page - ATMEL Corporation AT89LP51ID2_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
3714AS–MICRO–7/11
AT89LP51RD2/ED2/ID2 Summary - Preliminary
Note:
1. The AT89LP51ID2 is not available in the PDIP package.
2.
Overview
The Atmel® AT89LP51RD2/ED2/ID2 is a low-power, high-performance CMOS 8-bit 8051 micro-
controller with 64KB of In-System Programmable Flash program memory. The AT89LP51ED2
and AT89LP51ID2 provide an additional 4KB of EEPROM for nonvolatile data storage. The
devices are manufactured using Atmel's high-density nonvolatile memory technology and are
compatible with the industry-standard 80C51 instruction set.
The AT89LP51RD2/ED2/ID2 is built around an enhanced CPU core that can fetch a single byte
from memory every clock cycle. In the classic 8051 architecture, each fetch requires 6 clock
cycle s , f o rcin g in s tr u ction s to e x ec u te in 12 , 2 4 or 4 8 c l ock cycle s . In th e
AT89LP51RD2/ED2/ID2 CPU, standard instructions need only one to four clock cycles providing
six to twelve times more throughput than the standard 8051. Seventy percent of instructions
need only as many clock cycles as they have bytes to execute, and most of the remaining
instructions require only one additional clock. The enhanced CPU core is capable of 20 MIPS
throughput whereas the classic 8051 CPU can deliver only 4 MIPS at the same current con-
sumption. Conversely, at the same throughput as the classic 8051, the new CPU core runs at a
much lower speed and thereby greatly reducing power consumption and EMI. The
35
41
37
P0.2
I/O
I/O
I
P0.2: User-configurable I/O Port 0 bit 2.
AD2: External memory interface Address/Data bit 2.
ADC2: ADC analog input 2.
36
42
38
P0.1
I/O
I/O
I
P0.1: User-configurable I/O Port 0 bit 1.
AD1: External memory interface Address/Data bit 1.
ADC1: ADC analog input 1.
37
43
39
P0.0
I/O
I/O
I
P0.0: User-configurable I/O Port 0 bit 0.
AD0: External memory interface Address/Data bit 0.
ADC0: ADC analog input 0.
38
44
40
VDD
I
Supply Voltage
39
1
P4.2
I/O
P4.2: User-configurable I/O Port 4bit 2.
XTAL2B: Output from low-frequency inverting oscillator amplifier B (AT89LP51ID2 only). It may
be used as a port pin if the internal RC oscillator or external clock is selected as the clock
source.
40
2
1
P1.0
I/O
I/O
P1.0: User-configurable I/O Port 1 bit 0.
T2: Timer 2 External Input or Clock Output.
XTAL1B: Input to the low-frequency inverting oscillator amplifier B and internal clock generation
circuits. It may be used as a port pin if the internal RC oscillator is selected as the clock source.
41
3
2
P1.1
I/O
I
I
P1.1: User-configurable I/O Port 1 bit 1.
T2EX: Timer 2 External Capture/Reload Input.
SS: SPI Slave-Select.
42
4
3
P1.2
I/O
P1.2: User-configurable I/O Port 1 bit 2.
43
5
4
P1.3
I/O
I/O
P1.3: User-configurable I/O Port 1 bit 3.
CEX0: Capture/Compare external I/O for PCA module 0.
44
6
5
P1.4
I/O
I
I/O
P1.4: User-configurable I/O Port 1 bit 4.
SS: SPI Slave-Select (Remap Mode). This pin is an input for In-System Programming
CEX1: Capture/Compare external I/O for PCA module 1.
Table 1-1.
Atmel AT89LP51RD2/ED2/ID2 Pin Description
Pin Number
Symbol
Type
Description
VQFP
VQFN
PLCC
(1)
PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com