công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMPSA13 bảng dữ liệu(PDF) 1 Page - Hi-Sincerity Mocroelectronics

tên linh kiện HMPSA13
Giải thích chi tiết về linh kiện  NPN SILICON DARLINGTON TRASNSITOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HSMC [Hi-Sincerity Mocroelectronics]
Trang chủ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMPSA13 bảng dữ liệu(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMPSA13 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMPSA13 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMPSA13 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HMPSA13 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6343
Issued Date : 1993.03.24
Revised Date : 2001.05.01
Page No. : 1/4
HMPSA13
HSMC Product Specification
HMPSA13
NPN SILICON DARLINGTON TRANSISTOR
Description
The HMPSA13 is designed for applications requiring extremely high
current gain at collector to 500mA.
Features
• High D.C. Current Gain
• Complementary to HMPSA63
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 600 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 30 V
VCES Collector to Emitter Voltage...................................................................................... 30 V
VEBO Emitter to Base Voltage ........................................................................................... 10 V
IC Collector Current ....................................................................................................... 500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
30
-
-
V
IC=100uA, IE=0
BVCES
30
-
-
V
IC=100uA, VBE=0
BVEBO
10
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
IEBO
-
-
100
nA
VEB=10V, IC=0
*VCE(sat)1
-
-
1.5
V
IC=100mA, IB=0.1mA
*VCE(sat)2
-
1.0
-
V
IC=500mA, IB=0.5mA
*hFE1
5
-
-
K
VCE=5V, IC=10mA
*hFE2
10
-
-
K
VCE=5V, IC=100mA
*hFE3
-
50
-
K
VCE=5V, IC=500mA
fT
125
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
Cob
-
-
6
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE3
Rank
VCE(sat)2
hFE3
SUN
<1.2V
>20K
N
VCE(sat)2
hFE3


Số phần tương tự - HMPSA13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HMPSA14 HSMC-HMPSA14 Datasheet
36Kb / 4P
NPN SILICON TRANSISTOR
HMPSA18 HSMC-HMPSA18 Datasheet
39Kb / 4P
NPN SILICON TRANSISTOR
More results

Mô tả tương tự - HMPSA13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hitachi Semiconductor
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
Silicon NPN Epitaxial, Darlington
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
Silicon NPN Epitaxial, Darlington
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
NPN Silicon Darlington Transistor
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27_07 Datasheet
76Kb / 8P
NPN Silicon Darlington Transistors
2007-04-20
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BSS50 CENTRAL-BSS50 Datasheet
94Kb / 2P
NPN SILICON DARLINGTON TRANSISTORS
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
NPN Silicon Darlington Transistor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com