công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-2010A bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện S-2010A
Giải thích chi tiết về linh kiện  ROTARY CODED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

S-2010A bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

  S-2010A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-2010A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
■長軸用ノブ付品 SWITCHES WITH KNOB AS EXTENDED SHAFT
(Unit: mm)
■平ノブ付キンク加工品(受注生産)
Snap-in terminal pin with translucent knob with flange (Made to order basis)
O S-1200AK and S-2200AK
10
0.7
※ノブは固定されているため、取り外しはできません。ノブ単体での販売はしておりません。
※ Knob can’t be dettached due to being fixed. Simple knob can’t be sold.
ノブは、S-1000A、S-2000A、SA-5000、SS-10 共用です。
The large knob is common to S-1000A, S-2000A, SA-5000 and SS-10 series.
■包装仕様
〈ポリ袋の包装仕様〉
O ポリ袋での最小包装は、10 個 / 袋となりますので、10 個単位
(10個、20個、30個…)
でのご注文をお願い致します。
O ポリ袋の箱詰めは、25 個以上(標準は 50 個)
を製品箱に包装
致します。
■ PACKAGING SPECIFICATIONS
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum 10 pcs., i.e.,
10, 20, 30 pcs. , etc.
O Boxing of bulk in a plastic bag is performed with 25 pcs.
(standard 50 pcs.) per box.
〈トレイの包装仕様〉
O トレイでの最小包装は、50 個 /トレイとなりますので、50 個単
位
(50 個、100 個、150 個…)
でのご注文をお願い致します。
O トレイの箱詰めは、10トレイごとに製品箱に包装致します。
<Tray packaging specifications>
O Tray version is packaged in 50 pcs. per tyay. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
O Tray version is boxed with 10 trays.
S-1000A/2000A
ROTARY CODED SWITCHES

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
スイッチ
トグルスイッチ
スライドスイッチ
 
ロータリー
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ



Html Pages

1 2 3 4 5 6 7