công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFK0612 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện AFK0612
Giải thích chi tiết về linh kiện  Mounting Bracket Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AFK0612 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  AFK0612 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFK0612 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFK0612 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFK0612 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Spec-00484 J
Mounting Accessories Mounting Kits
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
Accessories
3
FLoor stAnd kit
industrY stAndArds
Product maintains UL/CSA Type 4, 4X (stainless steel only) and
Type 12 when properly installed on Hoffman Type 4 or Type 12
enclosures.
APPLicAtion
Kits are easily installed on most wall-mount Hoffman enclosures.
Can also be used to elevate Hoffman free-stand enclosures.
To install, drill holes in the bottom of the enclosure and bolt the
floor stands to the enclosure.It is not necessary to remove the wall-
mount brackets from the enclosure.
sPeciFicAtions
12 gauge steel floor stand has an ANSI 61 gray polyester powder
finish over pretreated surfaces. Stainless steel floor stand is
available in Type 316 and Type 304.
coMPonents
Each kit includes two stands. Two sets of floor stands are
recommended for enclosures larger than double door free-stand
enclosures.
ordering
Special heights, depths, materials and finishes can be provided on
custom order. Consult factory for information.
Bulletin: A4SY, A80
Catalog Number
Material
Height, H (in.)
Height, H (mm)
Width, C (in.)
Width, C (mm)
L (in.)
L (mm)
AFK0608
Steel
6.00
152
8.06
205
7.06
179
AFK0610
Steel
6.00
152
10.06
256
7.06
179
AFK0612
Steel
6.00
152
12.06
306
7.06
179
AFK0618
Steel
6.00
152
18.06
459
7.06
179
AFK1208
Steel
12.00
305
8.06
205
8.12
206
AFK1210
Steel
12.00
305
10.06
256
8.12
206
AFK1212
Steel
12.00
305
12.06
306
8.12
206
AFK1216
Steel
12.00
305
16.06
408
8.12
206
AFK1218
Steel
12.00
305
18.13
461
8.12
206
AFK1220
Steel
12.00
305
20.06
510
8.12
206
AFK1808
Steel
18.00
457
8.06
205
9.17
233
AFK1810
Steel
18.00
457
10.06
256
9.17
233
AFK1812
Steel
18.00
457
12.06
306
9.17
233
AFK1816
Steel
18.00
457
16.06
408
9.17
233
AFK2408
Steel
24.00
610
8.06
205
10.23
260
AFK2410
Steel
24.00
610
10.06
256
10.23
260
AFK2412
Steel
24.00
610
12.06
306
10.23
260
AFK2416
Steel
24.00
610
16.06
408
10.23
260
AFK0608SS
Stainless Steel, 304
6.00
152
8.06
205
9.09
231
AFK0610SS
Stainless Steel, 304
6.00
152
10.06
256
9.09
231
AFK0612SS
Stainless Steel, 304
6.00
152
12.06
306
9.09
231
AFK0618SS
Stainless Steel, 304
6.00
152
18.06
459
9.09
231
AFK0624SS
Stainless Steel, 304
6.00
152
24.06
611
9.09
231
AFK1208SS
Stainless Steel, 304
12.00
305
8.06
205
9.09
231
AFK1210SS
Stainless Steel, 304
12.00
305
10.06
256
9.09
231
AFK1212SS
Stainless Steel, 304
12.00
305
12.06
306
9.09
231
AFK1216SS
Stainless Steel, 304
12.00
305
16.06
408
9.09
231
AFK1218SS
Stainless Steel, 304
12.00
305
18.06
459
9.09
231
AFK1224SS
Stainless Steel, 304
12.00
305
24.06
611
9.09
231
AFK1808SS
Stainless Steel, 304
18.00
457
8.06
205
9.09
231
AFK1810SS
Stainless Steel, 304
18.00
457
10.06
256
9.09
231
AFK1812SS
Stainless Steel, 304
18.00
457
12.06
306
9.09
231
AFK1816SS
Stainless Steel, 304
18.00
457
16.06
408
9.09
231
AFK1818SS
Stainless Steel, 304
18.00
457
18.06
459
9.09
231
AFK1824SS
Stainless Steel, 304
18.00
457
24.06
611
9.09
231
AFK2408SS
Stainless Steel, 304
24.00
610
8.06
205
9.09
231
AFK2410SS
Stainless Steel, 304
24.00
610
10.06
256
9.09
231
AFK2412SS
Stainless Steel, 304
24.00
610
12.06
306
9.09
231



Html Pages

1 2 3 4