| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAM-R21G bảng dữ liệu(PDF) 12 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM-R21G bảng dữ liệu(HTML) 12 Page - ATMEL Corporation |
|
12 / 22 page ![]() 12 Atmel | SMART SAM R21 [PRELIMINARY DATASHEET SUMMARY] Atmel-42223AS–SAM-R21_Summary–07/2014 5. I/O Multiplexing and Considerations 5.1 Multiplexed Signals Each pin is by default controlled by the PORT as a general purpose I/O and alternatively it can be assigned to one of the peripheral functions A, B, C, D, E, F, G or H. To enable a peripheral function on a pin, the Peripheral Multiplexer Enable bit in the Pin Configuration register corresponding to that pin (PINCFGn.PMUXEN, n = 0..31) in the PORT must be written to one. The selection of peripheral function A to H is done by writing to the Peripheral Multiplexing Odd and Even bits in the Peripheral Multiplexing register (PMUXn.PMUXE/O) in the PORT. Table 5-1 describes the peripheral signals multiplexed to the PORT I/O pins. Table 5-1. PORT Function Multiplexing Pin I/O Pin Supply Type A B(1)(2) C D E F G H SAMR21 E SAMR21 G EIC REF ADC AC PTC SERCOM (1)(2) SERCOM- ALT TC TCC FECTRL TCC SERCOM COM AC/ GCLK 1 PA00 VDDANA SERCOM1/ PAD[0] TCC2/WO[0] 2 PA01 VDDANA EXTINT[1] SERCOM1/ PAD[1] TCC2/WO[1] 9 PA04 VDDANA EXTINT[4] ADC/ VREFB AIN[4] AIN[0] Y[2] SERCOM0/ PAD[0] TCC0/WO[0] 10 PA05 VDDANA EXTINT[5] AIN[5] AIN[1] Y[3] SERCOM0/ PAD[1] TCC0/WO[1] 7 11 PA06 VDDANA EXTINT[6] AIN[6] AIN[2] Y[4] SERCOM0/ PAD[2] TCC1/WO[0] 8 12 PA07 VDDANA EXTINT[7] AIN[7] AIN[3] Y[5] SERCOM0/ PAD[3] TCC1/WO[1] 9 15 PA08 VDDIO I2C NMI AIN[16] X[0] SERCOM0/ PAD[0] SERCOM2/ PAD[0] TCC0/WO[0] FECTRL[0] 10 16 PA09 VDDIO I2C EXTINT[9] AIN[17] X[1] SERCOM0/ PAD[1] SERCOM2/ PAD[1] TCC0/WO[1] FECTRL[1] 21 PA12 VDDIO I2C EXTINT[12] SERCOM2/ PAD[0] TCC2/WO[0] FECTRL[2] AC/ CMP[0] 22 PA13 VDDIO I2C EXTINT[13] SERCOM2/ PAD[1] TCC2/WO[1] FECTRL[3] AC/ CMP[1] 15 23 PA14 VDDIO EXTINT[14] SERCOM2/ PAD[2] TC3/WO[0] FECTRL[4] GCLK_IO[0] 16 24 PA15 VDDIO EXTINT[15] SERCOM2/ PAD[3] TC3/WO[1] FECTRL[5] GCLK_IO[1] 17 25 PA16 VDDIO I2C X[4] SERCOM1/ PAD[0] SERCOM3/ PAD[0] TCC2/WO[0] TCC0/ WO[0] GCLK_IO[2] 18 26 PA17 VDDIO I2C EXTINT[1] X[5] SERCOM1/ PAD[1] SERCOM3/ PAD[1] TCC2/WO[1] TCC0/ WO[1] GCLK_IO[3] 19 27 PA18 VDDIO EXTINT[2] X[6] SERCOM1/ PAD[2] SERCOM3/ PAD[2] TC3/WO[0] TCC0/ WO[2] AC/ CMP[0] 20 28 PA19 VDDIO EXTINT[3] X[7] SERCOM1/ PAD[3] SERCOM3/ PAD[3] TC3/WO[1] TCC0/ WO[3] AC/ CMP[1] 31 PA22 VDDIO I2C EXTINT[6] X[10] SERCOM3/ PAD[0] SERCOM5/ PAD[0] TC4/WO[0] TCC0/ WO[4] GCLK_IO[6] 32 PA23 VDDIO I2C EXTINT[7] X[11] SERCOM3/ PAD[1] SERCOM5/ PAD[1] TC4/WO[1] TCC0/ WO[5] GCLK_IO[7] 22 33 PA24 VDDIO EXTINT[12] SERCOM3/ PAD[2] SERCOM5/ PAD[2] TC5/WO[0] TCC1/ WO[2] USB_DM 23 34 PA25 VDDIO EXTINT[13] SERCOM3/ PAD[3] SERCOM5/ PAD[3] TC5/WO[1] TCC1/ WO[3] USB_DP |