| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H431AM bảng dữ liệu(PDF) 4 Page - Hi-Sincerity Mocroelectronics |
|
|
|||||||||||||||||||||||||||||
H431AM bảng dữ liệu(HTML) 4 Page - Hi-Sincerity Mocroelectronics |
|
4 / 4 page ![]() HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : Preliminary Data Issued Date : 1998.04.08 Revised Date : 2001.02.15 Page No. : 4/4 H431AM, H431BM, H431CM HSMC Product Specification SOT-89 Dimension *:Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1732 0.1811 4.40 4.60 F 0.0583 0.0598 1.48 1.52 B 0.1594 0.1673 4.05 4.25 G 0.1165 0.1197 2.96 3.04 C 0.0591 0.0663 1.50 1.70 H 0.0551 0.0630 1.40 1.60 D 0.0945 0.1024 2.40 2.60 I 0.0138 0.0161 0.35 0.41 E 0.0141 0.0201 0.36 0.51 Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996. 2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material : • Lead : 42 Alloy ; solder plating • Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. • HSMC reserves the right to make changes to its products without notice. • HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory : • Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 • Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 • Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220 3 2 1 A B C D E F G H I Style : Pin 1.Reference 2.Anode 3.Cathode Marking : Part Number Date Code HSMC Logo Package Code 3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code : M |