công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E2E2-X5MB1 bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện E2E2-X5MB1
Giải thích chi tiết về linh kiện  Long Barrel Inductive Prox
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E2-X5MB1 bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  E2E2-X5MB1 Datasheet HTML 1Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 2Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 3Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 4Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 5Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 6Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 7Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 8Page - Omron Electronics LLC E2E2-X5MB1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
E2E2 3-Wire DC
E2E2 3-Wire DC
3
J
ACCESSORIES
Description
Part number
Mounting brackets
Fits M12 size sensors
Fits M18 size sensors
Fits M30 size sensors
Y92E-B12
Y92E-B18
Y92E-B30
Silicone rubber covers for shielded sensors
Fits M12 size sensors
Fits M18 size sensors
Fits M30 size sensors
Y92E-E12-2
Y92E-E18-2
Y92E-E30-2
Connector cordsets
See Y96E Connector Cordsets data sheet for details
J
REPLACEMENT PARTS
Description
Part number
Mounting hardware including one pair of
metal nuts and one washer
Fits M12 size sensors
Fits M18 size sensors
Fits M30 size sensors
M12-MHWS
M18-MHWS
M30-MHWS
Specifications
Part number
E2E2-X2Cj/Bj
E2E2-X5MCj/Bj
E2E2-X5Cj/Bj
E2E2-X10MCj/Bj
E2E2-X10Cj/Bj
E2E2-X18MCj/Bj
Size
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Sensing distance
2 mm (0.08 in)
±10%
5 mm (0.20 in)
±10%
5 mm (0.20 in)
±10%
10 mm (0.39 in)
±10%
10 mm (0.39 in)
±10%
18 mm (0.71 in)
±10%
Supply voltage
(operating voltage
range)
12 to 24 VDC, ripple (p-p): 10% max., (10 to 55 VDC)
Current consumption
13 mA max.
Sensing object
Magnetic metals (refer to Engineering Data for non-magnetic metals)
Setting distance
0to1.6 mm
(0 to 0.06 in)
0to4.0 mm
(0 to 0.16 in)
0to4.0 mm
(0 to 0.16 in)
0to8.0 mm
(0 to 0.31 in)
0to8.0 mm
(0 to 0.31 in)
0to14.0mm
(0 to 0.55 in)
Standard object
(mild steel)
12 x 12 x
1 mm (0.47 x
0.47 x 0.04 in)
15 x 15x 1mm
(0.59 x 0.59 x
0.04 in)
18 x 18 x
1 mm (0.71 x
0.71 x 0.04 in)
30 x 30x 1mm
(1.18 x 1.18 x
0.04 in)
30 x 30x 1mm
(1.18 x 1.18 x
0.04 in)
54 x 54x 1mm
(2.13 x 2.13 x
0.04 in)
Differential travel
10% max. of sensing distance
Response frequency
1.5 kHz
0.4 kHz
0.6 kHz
0.2 kHz
0.4 kHz
0.1 kHz
Operation (with sensing
object approaching)
B1/C1 models: Load ON
B2/C2 models: Load OFF
Control output
(switching capacity)
200 mA max., open collector
Circuit protection
Reverse connection protection, surge absorber, load short-circuit protection
Indicator
Operation indicator (red LED)
Ambient
temperature
Operating --40°Cto 85°C(--40°F to 185°F) with no icing
Ambient
humidity
Operating 35% to 95%
Temperature influence
±15% max. of sensing distance at 23°C in temperature range of --40°Cto 85°C(--40°F to 185°F)
±10% max. of sensing distance at 23°C in temperature range of --25°Cto 70°C(--13°F to 158°F)
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Residual voltage
2.0 V max. (under load current of 200 mA with cable length of 2 m)
Insulation resistance
50 MΩ min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC for 1 min between current carry parts and case
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude for 10 times each in X, Y, and Z axes
Shock resistance
1,000 m/s2 (approx. 100G) for 10 times each in X, Y, and Z axes
(This table continues on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com