| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P0900SALRP bảng dữ liệu(PDF) 5 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P0900SALRP bảng dữ liệu(HTML) 5 Page - Littelfuse |
|
5 / 5 page ![]() SIDACtor® Protection Thyristors 5 Revised: 08/07/14 © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Baseband Protection (Voice-DS1) SIDACtor® Series, DO-214 PackageType Description Quantity Added Suffix Industry Standard S DO-214AA Tape & Reel Pack 2500 RP EIA-481-D Packing Options Tape and Reel Specification — DO-214AA 0.472 (12.0) 0.36 (9.2) 0.315 (8.0) 0.157 (4.0) 0.49 (12.4) 0.512 (13.0) Arbor Hole Dia. 12.99 (330.0) Dimensions are in inches (and millimeters). Direction of Feed 0.059 DIA (1.5) Cover tape Dimensions — DO-214AA 0.079 (2.0) 0.110 (2.8) 0.079 (2.0) Pad Outline H K E F G A C B D Case Temperature Measurement Point inch (millimeter) Dimensions Inches Millimeters Min Max Min Max A 0.130 0.156 3.30 3.95 B 0.201 0.220 5.10 5.60 C 0.077 0.087 1.95 2.20 D 0.159 0.181 4.05 4.60 E 0.030 0.063 0.75 1.60 F 0.075 0.096 1.90 2.45 G 0.002 0.008 0.05 0.20 H 0.077 0.104 1.95 2.65 H- P4500SCLHRLP 0.077 0.096 1.95 2.43 K 0.006 0.016 0.15 0.41 |