| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99H01QF bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99H01QF bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 53 page ![]() Functional description of the SPI L99H01 40/53 DocID15567 Rev 6 Comments: • RWD: Restarts the watchdog counter • EXT_TS: The bit select the mode of the input pin TS/ACT_OFF: – EXT_TS = low (active off): TS/ACT_OFF pin is used as input to switch the H-bridge in tristate and back. Details are discribed in Section 3.12.1. – EXT_TS = high (thermal sensor interface): TS/ACT_OFF pin is used as thermal sensor interface for external temperature diodes. Details are discribed in Section 3.12.2. • EXTTH[5:0]: Determines the threshold of the external thermal shutdown/warning Table 40. Address 3 <03(hex)> : ApplReg3 – read/write Bit 7 6 54321 0 Name RWD EXT_TS EXTTH_5 EXTTH_4 EXTTH_3 EXTTH_2 EXTTH_1 EXTTH_0 <default> 0 0 00000 0 Table 41. External threshold voltage, factor n EXTTH_5 EXTTH_4 EXTTH_3 n 00 0 7 00 1 6 01 0 5 01 1 4 10 0 3 10 1 2 11 0 1 11 1 0 Table 42. External threshold voltage, factor m EXTTH_2 EXTTH_1 EXTTH_0 m 00 0 7 00 1 6 01 0 5 01 1 4 10 0 3 10 1 2 11 0 1 11 1 0 |