công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT24CS32 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation

tên linh kiện AT24CS32
Giải thích chi tiết về linh kiện  IC-Compatible (2-wire) Serial EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS32 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation

  AT24CS32_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS32_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
AT24CS32 [DATASHEET]
Atmel-8869B-SEEPROM-AT24CS32-Datasheet_012014
3.
Absolute Maximum Ratings
4.
Block Diagram
Figure 4-1. Block Diagram
Operating Temperature ........................–55
C to +125C
Storage Temperature ...........................–65
C to +150C
Voltage on any pin
with respect to ground .............................–1.0V to +7.0V
Maximum Operating Voltage ................................. 6.25V
DC Output Current................................................ 5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in
the operational sections of this specification is
not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
Start
Stop
Logic
Data Word
ADDR/Counter
Device
Address
Comparator
Data Latches
DOUT / ACK
Logic
Column
Decoder
EEPROM
Array
Serial
Control
Logic
High Voltage
Pump & Timing
128-bit
Serial
Number
Serial MUX
Read
Read/Write
Enable
COMP
Load
INC
VCC
GND
WP
SCL
SDA
DOUT
D
IN
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com