| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S6-DLX bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
S6-DLX bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() Switches Two position on/off power switch Diagnostic LEDs PROTECTION PRESENT, LINE OK SURGE / NOISE SUPPRESSION AC Suppression Joule Rating 1050 AC Suppression Response Time < 1 ns Protection Modes Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression Clamping Voltage (RMS) 150 AC Suppression Surge Current Rating 42,500 amps UL1449 Let Through Rating 330V - UL Verified Immunity Conforms to IEE 587 / ANSI C62.41 DATALINE SURGE SUPPRESSION Telephone/DSL Protection Yes Telephone/DSL Protection Details 1 line Cable (Coax) Protection No Network (Ethernet) Protection No PHYSICAL Unit Dimensions (hwd / in.) 1.25 x 3.25 x 8.25 Unit Dimensions (hwd / cm) 3.2 x 8.3 x 21 Material of Construction Plastic Integrated Keyhole Mounting Tabs Keyhole mounting tabs enable wall mounting Housing Color Gray Receptacle Color Gray Color (AC Line Cord) Gray SPECIAL FEATURES Right-Angle Plug Yes CERTIFICATIONS UL1449 3rd Edition (AC Suppression) UL1449 UL1363 (Power Tap) UL1363 UL497A (Communications) UL497A FCC Part 68 (Communications) FCC Part 68 2 / 3 |