công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FLI5962H bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện FLI5962H
Giải thích chi tiết về linh kiện  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5962H bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  FLI5962H Datasheet HTML 1Page - STMicroelectronics FLI5962H Datasheet HTML 2Page - STMicroelectronics FLI5962H Datasheet HTML 3Page - STMicroelectronics FLI5962H Datasheet HTML 4Page - STMicroelectronics FLI5962H Datasheet HTML 5Page - STMicroelectronics FLI5962H Datasheet HTML 6Page - STMicroelectronics FLI5962H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FLI5962, FLI5962H, FLI5968H, FLI5928H
Ordering information
Doc ID 15018 Rev 2
5/7
3
Ordering information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 1.
Order codes
Part number
Description
FLI5962-LF-AA
256-pin PQFP
FLI5962H-LF-AA
256-pin PQFP
FLI5928H-LF-AA
256-pin PQFP
FLI5968H-LF-AA
256-pin PQFP



Html Pages

1 2 3 4 5 6 7