công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E34EB7 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện E34EB7
Giải thích chi tiết về linh kiện  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

E34EB7 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  E34EB7 Datasheet HTML 1Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 2Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 3Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 4Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 5Page - List of Unclassifed Manufacturers E34EB7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2008
47-168
For more information visit: www.eaton.com
CA08102001E
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Assembled Devices — Momentary Pushbutton and Indicating Light Units
Product Selection
Momentary Pushbutton Units
■ Non-illuminated
Table 47-261. Pushbutton Units — UL (NEMA) Type 3, 3R, 4, 4X, 12, 13
Anodized aluminum head — may not be suitable for some corrosive environments.
Indicating Light Units
■ Plastic Lenses
Table 47-262. Indicating Light Units — UL (NEMA) Type 3, 3R, 3S, 4, 4X, 12, 13
Anodized aluminum head — may not be suitable for some corrosive environments.
Note: Use NEMA 4X 10250T operators
where exposed to ultraviolet light, see
Pages 47-115 – 47-165.
Contact
Type
Button Color
Flush Button
Extended Button
Mushroom Button
Jumbo Mushroom
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
1NO
Black
Red
Green
Red — Engraved
EMERG. STOP
E34PB1-53X
E34PB2-53X
E34PB3-53X
—
E34EB1-53X
E34EB2-53X
E34EB3-53X
—
E34LB1-53X
E34LB2-53X
E34LB3-53X
—
E34JB1-53X
E34JB2-53X
E34JB3-53X
E34JB2N8-53X
1NC
Black
Red
Green
Red — Engraved
EMERG. STOP
E34PB1-51X
E34PB2-51X
E34PB3-51X
—
E34EB1-51X
E34EB2-51X
E34EB3-51X
—
E34LB1-51X
E34LB2-51X
E34LB3-51X
—
E34JB1-51X
E34JB2-51X
E34JB3-51X
E34JB2N8-51X
1NO-1NC
Black
Red
Green
Red — Engraved
EMERG. STOP
E34PB1-1X
E34PB2-1X
E34PB3-1X
—
E34EB1-1X
E34EB2-1X
E34EB3-1X
—
E34LB1-1X
E34LB2-1X
E34LB3-1X
—
E34JB1-1X
E34JB2-1X
E34JB3-1X
E34JB2N8-1X
24V Full Voltage
Indicating Light — Red
Catalog Number
E34FB24H2X
Lamp
Type
Voltage
Color
Indicating Light
LED/Lamp
Number
Catalog
Number
Price
U.S. $
LED
Full Voltage
24V AC/DC
Red
Green
Amber
E34FB197LRP24
E34FB197LGP24
E34FB197LAP24
Bayonet Base
120V AC
Red
Green
Amber
E34FB197LRP2A
E34FB197LGP2A
E34FB197LAP2A
Incandescent
Full Voltage
24V AC/DC
Red
Green
Amber
E34FB24H2X
E34FB24H3X
E34FB24H9X
#757
Resistor
120V AC/DC
Red
Green
Amber
E34RB120H2X
E34RB120H3X
E34RB120H9X
120MB
Transformer
120V AC
50/60 Hz
Red
Green
Amber
E34TB120H2X
E34TB120H3X
E34TB120H9X
#755
Additional Light Units . . . . . Page 47-170
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates. . . . . . . . . . . . Page 47-184
Replacement
Lamps/LEDs . . . . . . . . . . . Page 47-157
Discount Symbol . . . . . . . . . 1CD1C


Số phần tương tự - E34EB7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ZF Friedrichshafen AG
E34 ZFSWITCHES-E34 Datasheet
1Mb / 5P
High temperature versions optional
logo
Ferroxcube Internationa...
E34-3C81 FERROXCUBE-E34-3C81 Datasheet
62Kb / 6P
E cores and accessories
E34-3C81-A250 FERROXCUBE-E34-3C81-A250 Datasheet
62Kb / 6P
E cores and accessories
E34-3C81-A315 FERROXCUBE-E34-3C81-A315 Datasheet
62Kb / 6P
E cores and accessories
E34-3C81-A400 FERROXCUBE-E34-3C81-A400 Datasheet
62Kb / 6P
E cores and accessories
More results

Mô tả tương tự - E34EB7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
8060 ITT-8060 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
Alternate Action and Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
Momentary pushbutton switches - round plunger
U1145 ETC2-U1145 Datasheet
94Kb / 1P
9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
Alternate Action and Momentary Pushbutton Switches
2018
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com