công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E34EB2 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện E34EB2
Giải thích chi tiết về linh kiện  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

E34EB2 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  E34EB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers E34EB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers E34EB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers E34EB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers E34EB2 Datasheet HTML 5Page - List of Unclassifed Manufacturers E34EB2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
March 2008
47-170
For more information visit: www.eaton.com
CA08102001E
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Illuminated Components
Illuminated Pushbuttons and Indicating Lights
Table 47-265. Operators without Lens
These units do not include lamps. Order LED separately to match lens color, see Page 47-157 for LED Selection and Pages 47-193 – 47-194 for Catalog
Numbering Structure.
Resistor units are not available for use with LEDs, choose either transformer or full voltage LED style.
Note: Use NEMA 4X 10250T operators where exposed to ultraviolet light, see Pages 47-115 – 47-165.
Table 47-266. Indicating Light Lens
Glass lens has black anodized aluminum bezel.
Table 47-267. Illuminated Pushbutton Lens
Table 47-268. PresTest Lens
Glass lens has black anodized aluminum bezel.
Light Unit Type
Type
Voltage
Illuminated
Pushbutton
Indicating
Light
PresTest
Lamp Number
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
LED
(LEDs not included)
Full Voltage
—
E34CB497L
E34FB197L
E34FPB297L
Bayonet
Base
Transformer
AC Only
24
120
240
277
380
480
600
E34XB024L
E34XB120L
E34XB240L
E34XB277L
E34XB380L
E34XB480L
E34XB600L
—
E34TB120L
E34TB240L
E34TB277L
E34TB380L
E34TB480L
E34TB600L
—
E34TPB120L
E34TPB240L
—
E34TPB380L
E34TPB480L
E34TPB600L
Incandescent
Full Voltage
AC/DC
6
12
24
32
48
E34CB06
E34CB12
E34CB24
E34CB32
E34CB48
E34FB06
E34FB12
E34FB24
E34FB32
E34FB48
E34FPB06
E34FPB12
E34FPB24
E34FPB32
E34FPB48
#755
#756
#757
#1828
#1835
Resistor
AC/DC
120
240
E34SB120
E34SB240
E34RB120
E34RB240
E34RPB120
E34RPB240
120MB
120MB
Transformer
AC Only
24
120
240
277
380
480
600
E34XB024
E34XB120
E34XB240
E34XB277
E34XB380
E34XB480
E34XB600
—
E34TB120
E34TB240
E34TB277
E34TB380
E34TB480
E34TB600
—
E34TPB120
E34TPB240
—
E34TPB380
E34TPB480
E34TPB600
#755
Neon
AC/DC
120
240
—
—
E34NB120
E34NB240
—
—
NE51H-R-22
NE51H-4-68
Color
Plastic
Glass
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34H2
E34H3
E34H4
E34H5
E34H6
E34H9
E34H0
E34G2
E34G3
E34G4
E34G5
E34G6
E34G9
E34G0
Color
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34V2
E34V3
E34V4
E34V5
E34V6
E34V9
E34V0
Glass
Plastic
Color
Plastic
Glass
Catalog
Number
Price
U.S. $
Catalog
Number
Price
U.S. $
Red
Green
Yellow
White
Blue
Amber
Clear
E34V2
E34V3
E34V4
E34V5
E34V6
E34V9
E34V0
E34P2
E34P3
E34P4
E34P5
E34P6
E34P9
E34P0
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures. . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates . . . . . . . . . . . . Page 47-184
Replacement
Lamps/LEDs . . . . . . . . . . . Page 47-157
Discount Symbol . . . . . . . . . 1CD1C
Glass
Plastic



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com