công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E34EB1 bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện E34EB1
Giải thích chi tiết về linh kiện  E34 Series, Assembled Devices - Momentary Pushbutton and Indicating Light Units
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

E34EB1 bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  E34EB1 Datasheet HTML 1Page - List of Unclassifed Manufacturers E34EB1 Datasheet HTML 2Page - List of Unclassifed Manufacturers E34EB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers E34EB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers E34EB1 Datasheet HTML 5Page - List of Unclassifed Manufacturers E34EB1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
March 2008
CA08102001E
For more information visit: www.eaton.com
47-169
Pushbuttons & Indicating Lights
47
30.5 mm Corrosion Resistant Watertight/Oiltight
E34 Series, Momentary Pushbutton Components
Pushbuttons
Table 47-263. Momentary Pushbutton Operators, Non-illuminated — UL
(NEMA) Type 3, 3R, 4, 4X, 12, 13
Anodized aluminum head — may not be suitable for some corrosive
environments.
Note: Use NEMA 4X 10250T operators where exposed to ultraviolet
light, see Pages 47-115 – 47-165.
Contact Blocks
See Page 47-182 for additional contact blocks, fingerproof
shrouds and Transparent Amber colored blocks.
Contact Block
Table 47-264. Contact Blocks
Color
Catalog
Number
Price
U.S. $
Flush Button
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34PB1
E34PB2
E34PB3
E34PB4
E34PB5
E34PB6
E34PB7
E34PB8
Extended Button
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34EB1
E34EB2
E34EB3
E34EB4
E34EB5
E34EB6
E34EB7
E34EB8
Half Shrouded Button
Vertical
Horizontal
Black
Red
Green
Yellow
White
Blue
Gray
Orange
E34EVB1
E34EVB2
E34EVB3
E34EVB4
E34EVB5
E34EVB6
E34EVB7
E34EVB8
E34EHB1
E34EHB2
E34EHB3
E34EHB4
E34EHB5
E34EHB6
E34EHB7
E34EHB8
Mushroom Button
Black
Red
Green
Yellow
Blue
E34LB1
E34LB2
E34LB3
E34LB4
E34LB6
Anodized Aluminum Jumbo Mushroom Button
Black
Red
Red
(Engraved EMER. STOP)
Green
Yellow
E34JB1
E34JB2
E34JB2N8
E34JB3
E34JB4
Symbol
Circuit
Catalog
Number
Price
U.S. $
NC
10250T51
NO
10250T53
NO-NC
10250T1
2NC
10250T3
2NO
10250T2
Accessories . . . . . . . . . . . . . Pages 47-187 – 47-188
Dimensions . . . . . . . . . . . . . . Page 47-191
Enclosures . . . . . . . . . . . . . . Pages 47-185 – 47-186
Legend Plates. . . . . . . . . . . . Page 47-184
Discount Symbol . . . . . . . . . 1CD1C
Blank
No
Plunger
Blank
No
Plunger



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com