| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT9320 bảng dữ liệu(PDF) 14 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9320 bảng dữ liệu(HTML) 14 Page - Holtek Semiconductor Inc |
|
14 / 30 page ![]() HT9320 14 July 21, 1999 · Hand-free function table Hold-line function operation · Hold-line function execution When HDO is low, a falling edge triggers the HDI, enabling the Hold-line function (HDO becomes high). The XMUTE remains low when HDO is high. · Reset Hold-line function When HDO is high, the Hold-line function is enabled and can be reset by: ¨ Off-hook ¨ Applying a falling edge to HDI ¨ Changing the HFO pin from low to high · Hold-line function table Key definition · 0,1,2,3,4,5,6,7,8,9 keys These are dialing number input keys for both the pulse mode and the tone mode operations. · */T This key executes the P®T function and wait aTP®T duration in the pulse mode. On the other hand, the */T key executes the * func- tion in the tone mode. · * (HT9320H) The * key executes the * tone output function in the tone mode. No response in the pulse mode. · P®T The key executes the P®T function in the pulse mode. No response in the tone mode. · # This is a dialing signal key for the tone mode only, no response in the pulse mode. Cu r r e n t S t a t e In p u t N e x t S t a t e HK S H H H H L L L L X HF O L L H X L L H X X HD O X X X L X X L X L HF I L L L L L HK S An An An L An An An H An HF O L H L L L H L An L HD O An L An L An L An An H HD I H H H H H H H H H: L: Lo g i c H I G H Lo g i c L O W X: An : D o n ' t ca re Unc h a ng e d : : Ri s i n g e d g e F a llin g e d g e Cu r r e n t S t a t e In p u t N e x t S t a t e HK S H H H H L L L L X HD O L L H X L L H X X HF O X X L X X X L X L HD I H H H H H HK S An An An L An An An H An HD O L H L L L H L An L HF O An L An L An L An An H HF I L L L L L L L L H: L: Lo g i c H I G H Lo g i c L O W X: An : D o n ' t ca re Unc h a ng e d : : Ri s i n g e d g e F a llin g e d g e |