| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT84192 bảng dữ liệu(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT84192 bảng dữ liệu(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 31 page ![]() Note: In Easy 64 mode, only falling edge trigger can be used in input state In Easy 64 mode, the path command ²TRn?L:pathname² and ²TRn?H:pathname² are invalid HT84XXX 16 April 26, 2000 PA 1 PA 2 PA 3 PA0 TR 1 TR 2 TR 3 TR 4 PB 7 PB 6 PB 5 PB 4 PB 3 PB 2 PB 1 PB 0 EA SY 3 2 TR 5 TR 6 TR 7 TR 8 TR 9 TR 1 0 TR 1 1 TR 1 2 TR 1 3 TR 1 4 TR 1 5 TR 1 6 TR 1 7 TR 1 8 TR 1 9 TR 2 0 TR 2 1 TR 2 2 TR 2 3 TR 2 4 TR 2 5 TR 2 6 TR 2 7 TR 2 8 TR 2 9 TR 3 0 TR 3 1 TR 3 2 OS C A UD0 A UD1 VD D 8050 VSS R OS C 8050 PA 2 PA 1 PA 0 PA3 TR 1 7 EA SY 6 4 TR 1 8 TR 1 9 TR 2 0 TR 2 1 TR 2 2 TR 2 3 TR 2 4 TR 1 TR 9 TR 2 TR 1 0 TR 3 TR 1 1 TR 4 TR 1 2 TR 5 TR 1 3 TR 6 TR 1 4 TR 7 TR 1 5 TR 8 TR 1 6 TR 2 5 TR 2 6 TR 2 7 TR 2 8 TR 2 9 TR 3 0 TR 3 1 TR 3 2 TR 4 1 TR 4 2 TR 4 3 TR 4 4 TR 4 5 TR 4 6 TR 4 7 TR 4 8 TR 3 3 TR 3 4 TR 3 5 TR 3 6 TR 3 7 TR 3 8 TR 3 9 TR 4 0 TR 4 9 TR 5 0 TR 5 1 TR 5 2 TR 5 3 TR 5 4 TR 5 5 TR 5 6 TR 5 7 TR 5 8 TR 5 9 TR 6 0 TR 6 1 TR 6 2 TR 6 3 TR 6 4 OS C A UD0 A UD1 VD D 8050 VSS R OS C 8050 V DD V DD PB 6 PB 5 PB 4 PB 3 PB 2 PB 1 PB 0 PB 7 |